Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD5262EBZ Datasheet(PDF) 4 Page - Analog Devices

Part # EVAL-AD5262EBZ
Description  1-/2-Channel 15 V Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5262EBZ Datasheet(HTML) 4 Page - Analog Devices

  EVAL-AD5262EBZ Datasheet HTML 1Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 2Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD5260/AD5262
Rev. A | Page 4 of 24
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DYNAMIC CHARACTERISTICS6, 10
Bandwidth –3 dB
BW
RAB = 20 kΩ/50 kΩ/200 kΩ
310/130/30
kHz
Total Harmonic Distortion
THDW
VA = 1 VRMS, VB = 0 V, f = 1 kHz,
RAB = 20 kΩ
0.014
%
VW Settling Time
tS
VA = +5 V, VB = −5 V, ±1 LSB
error band, RAB = 20 kΩ
5
μs
Crosstalk11
CT
VA = VDD, VB = 0 V, measure VW
with adjacent RDAC making
full-scale code change (AD5262
only)
1
nV-sec
Analog Crosstalk
CTA
VA1 = VDD, VB1 = 0 V, measure VW1
with VW2 = 5 V p-p at f = 10 kHz,
RAB = 20 kΩ/200 kΩ (AD5262
only)
–64
dB
Resistor Noise Voltage
eN_WB
RWB = 20 kΩ, f = 1 kHz
13
nV/√Hz
INTERFACE TIMING CHARACTERISTICS6, 12
Specifications apply to all parts
Clock Frequency
fCLK
25
MHz
Input Clock Pulse Width
tCH, tCL
Clock level high or low
20
ns
Data Setup Time
tDS
10
ns
Data Hold Time
tDH
10
ns
CLK to SDO Propagation Delay13
tPD
RL = 1 kΩ, CL< 20 pF
1
160
ns
CS Setup Time
tCSS
5
ns
CS High Pulse Width
tCSW
20
ns
Reset Pulse Width
tRS
50
ns
CLK Fall to CS Rise Hold Time
tCSH
0
ns
CS Rise to Clock Rise Setup
tCS1
10
ns
1 Typical values represent average readings at 25°C and VDD = +5 V, VSS = −5 V.
2 Resistor position nonlinearity error (R-INL) is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper
positions. R-DNL measures the relative step change from ideal between successive tap positions. Parts are guaranteed monotonic. IW = VDD/R for both VDD = +5 V and
VSS = −5V.
3 VAB = VDD, wiper = no connect.
4 INL and DNL are measured at VW with the RDAC configured as a potentiometer divider similar to a voltage output digital-to-analog converter. VA = VDD and VB = 0 V.
DNL specification limits of ±1 LSB maximum are guaranteed monotonic operating conditions.
5 Resistor Terminal A, Terminal B, and Terminal W have no limitations on polarity with respect to each other.
6 Guaranteed by design and not subject to production test.
7 Measured at the Ax terminals. All Ax terminals are open-circuit in shutdown mode.
8 Worst-case supply current consumed when all logic-input levels set at 2.4 V, which is the standard characteristic of CMOS logic.
9 PDISS is calculated from (IDD × VDD). CMOS logic level inputs result in minimum power dissipation.
10 All dynamic characteristics use VDD = +5 V, VSS = −5 V, VL = +5 V.
11 Measured at VW where an adjacent VW is making a full-scale voltage change.
12 See Figure 5 for location of measured values. All input control voltages are specified with tR = tF = 2 ns (10% to 90% of 3 V) and timed from a voltage level of 1.5 V.
Switching characteristics are measured using VL = 5 V.
13 Propagation delay depends on value of VDD, RL, and CL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com