Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD5262EBZ Datasheet(PDF) 17 Page - Analog Devices

Part # EVAL-AD5262EBZ
Description  1-/2-Channel 15 V Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5262EBZ Datasheet(HTML) 17 Page - Analog Devices

Back Button EVAL-AD5262EBZ Datasheet HTML 13Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 14Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 15Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 16Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 17Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 18Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 19Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 20Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD5260/AD5262
Rev. A | Page 17 of 24
accessed by the wiper terminal, plus the B terminal contact. The
8-bit data in the RDAC latch is decoded to select one of the 256
possible settings. Assuming a 20 kΩ part is used, the wiper’s first
connection starts at the B terminal for data 0x00. Because there
is a 60 Ω wiper contact resistance, such a connection yields a
minimum of 60 Ω resistance between Terminal W and Terminal B.
The second connection is the first tap point corresponding to
138 Ω (RWB = RAB/256 RW = 78 Ω + 60 Ω) for Data 0x01. The third
connection is the next tap point representing 216 Ω (78 × 2 + 60)
for Data 0x02, and so on. Each LSB data value increase moves
the wiper up the resistor ladder until the last tap point is reached at
19,982 Ω (RAB − 1 LSB + RW). The wiper does not directly connect
to the B terminal. See Figure 53 for a simplified diagram of the
equivalent RDAC circuit.
The general equation determining the digitally programmed
output resistance between W and B is
W
AB
WB
R
R
D
D
R
+
×
=
256
)
(
(1)
where D is the decimal equivalent of the binary code that is
loaded in the 8-bit RDAC register and RAB is the nominal end-
to-end resistance.
For example, when RAB = 20 kΩ, VB = 0 V, and the A terminal is
open circuit, the following output resistance values of RWB are
set for the RDAC latch codes shown in Table 9. The result is the
same if Terminal A is tied to W.
Table 9. RWB vs. Code
RDAC (Dec)
RWB (Ω)
Output State
256
19,982
Full scale (RAB – 1 LSB + RW)
128
10,060
Midscale
1
138
1 LSB
0
60
Zero-scale (wiper contact resistance)
Note that in the zero-scale condition, a finite wiper resistance of
60 Ω is present. Care should be taken to limit the current flow
between W and B in this state to no more than 20 mA to avoid
degradation or possible destruction of the internal switches.
Like the mechanical potentiometer the RDAC replaces, the
AD5260/AD5262 are completely symmetrical. The resistance
between Wiper W and Terminal A also produces a digitally
controlled complementary resistance, RWA. Figure 54 shows the
symmetrical programmability of the various terminal connec-
tions. When RWA is used, the B terminal can be left floating or
tied to the wiper. Setting the resistance value for RWA starts at a
maximum value of resistance and decreases as the data loaded
in the latch is increased in value. The general equation for this
operation is
W
AB
WA
R
R
D
D
R
+
×
−
=
256
256
)
(
(2)
For example, when RAB = 20 kΩ, VA = 0 V, and the B terminal is
open circuit, the following output resistance values of RWA are
set for the RDAC latch codes shown in Table 10. The result is
the same if Terminal B is tied to Terminal W.
Table 10. RWA vs. Code
RDAC (Dec)
RWA (Ω)
Output State
256
60
Full scale
128
10,060
Half scale
1
19,982
1 LSB
0
20,060
Zero scale
RWA
RWB
RAB = 20kΩ
CODE (Decimal)
20
0
64
128
192
256
16
12
8
4
0
Figure 54. AD5260/AD5262 Equivalent RDAC Circuit
The typical distribution of the nominal resistance RAB from
channel to channel matches within ±1%. Device-to-device
matching is process lot-dependent with the worst case of
±30% variation. However, because the resistance element
is processed in thin film technology, the change in RAB with
temperature has a low 35 ppm/°C temperature coefficient.
PROGRAMMING THE POTENTIOMETER DIVIDER
Voltage Output Operation
The digital potentiometer easily generates output voltages at
wiper-to-B and wiper-to-A to be proportional to the input
voltage at A-to-B. Ignore the effect of the wiper resistance. For
example, connecting the A terminal to 5 V and the B terminal
to ground produces an output voltage at W-to-B starting at 0 V
up to 1 LSB less than 5 V. Each LSB of voltage is equal to the
voltage applied across Terminal A and Terminal B divided by
the 256 positions of the potentiometer divider. Because the
AD5260/AD5262 operate from dual supplies, the general
equation defining the output voltage at VW with respect to
ground for any given input voltage applied to Terminal A and
Terminal B is
B
AB
W
V
V
D
D
V
+
×
=
256
)
(
(3)
Operation of the digital potentiometer in the divider mode
results in more accurate operation over temperature. Unlike the
rheostat mode, the output voltage is dependent on the ratio of
the internal resistors, RWA and RWB, and not the absolute values;
therefore, the drift reduces to 5 ppm/°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com