Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD5262EBZ Datasheet(PDF) 7 Page - Analog Devices

Part # EVAL-AD5262EBZ
Description  1-/2-Channel 15 V Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5262EBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button EVAL-AD5262EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 9Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 10Page - Analog Devices EVAL-AD5262EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD5260/AD5262
Rev. A | Page 7 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
AD5260
NC = NO CONNECT
1
2
3
4
5
6
7
W
B
VDD
SDI
CLK
SHDN
A
14
13
12
11
10
9
8
NC
VL
VSS
CS
PR
GND
SDO
TOP VIEW
(Not to Scale)
Figure 7. AD5260 Pin Configuration
Table 5. AD5260 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
A
A Terminal.
2
W
Wiper Terminal.
3
B
B Terminal.
4
VDD
Positive Power Supply. Specified for operation at both 5 V or 15 V (sum of |VDD| + |VSS| ≤ 15 V).
5
SHDN
Active Low Input. Terminal A, open-circuit. Shutdown controls variable resistor.
6
CLK
Serial Clock Input, Positive Edge Triggered.
7
SDI
Serial Data Input.
8
CS
Chip Select Input, Active Low. When CS returns high, data is loaded into the RDAC register.
9
PR
Active Low Preset to Midscale. Sets RDAC registers to 0x80.
10
GND
Ground.
11
VSS
Negative Power Supply. Specified for operation from 0 V to −5 V.
12
VL
Logic Supply Voltage. Needs to be the same voltage as the digital logic controlling the AD5260.
13
NC
No Connect. Users should not connect anything other than a dummy pad on this pin.
14
SDO
Serial Data Output. Open-drain transistor requires a pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com