Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS3023BCPZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADAS3023BCPZ
Description  16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3023BCPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADAS3023BCPZ Datasheet HTML 7Page - Analog Devices ADAS3023BCPZ Datasheet HTML 8Page - Analog Devices ADAS3023BCPZ Datasheet HTML 9Page - Analog Devices ADAS3023BCPZ Datasheet HTML 10Page - Analog Devices ADAS3023BCPZ Datasheet HTML 11Page - Analog Devices ADAS3023BCPZ Datasheet HTML 12Page - Analog Devices ADAS3023BCPZ Datasheet HTML 13Page - Analog Devices ADAS3023BCPZ Datasheet HTML 14Page - Analog Devices ADAS3023BCPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
ADAS3023
Pin No.
Mnemonic
Type1
Description
27
DVDD
P
Digital 5 V Supply. Decouple the DVDD supply to DGND using a 10 μF capacitor and 0.1 μF local
capacitor.
28
AVDD
P
Analog 5 V Supply. Decouple the AVDD supply to AGND using a 10 μF capacitor and 0.1 μF local
capacitor.
31
RCAP
P
Internal 2.5 V Analog Regulator Output. RCAP supplies power to the internal reference. Decouple this
internally regulated output (RCAP) using a 10 μF capacitor and a 0.1 μF local capacitor.
32
REFIN
Internal 2.5 V Band Gap Reference Output, Reference Buffer Input, or Reference Power-Down Input.
REF1 and REF2 must be tied together externally. See the Voltage Reference Input/Output section for
more information.
33, 34
REF1, REF2
AI/O
Reference Input/Output. Regardless of the reference method, REF1 and REF2 need individual
decoupling using external 10 μF ceramic capacitors connected as close to REF1, REF2, and REFN as
possible. See the Voltage Reference Input/Output section for more information.
35
RGND
P
Reference Supply Ground. Connect RGND to the system analog ground plane.
36, 37
REFN
P
Reference Input/Output Ground. Connect the 10 μF capacitors that are on REF1 and REF2 to the REFN
pins, then connect the REFN pins to the system analog ground plane.
38
VSSH
P
High Voltage Analog Negative Supply. Nominally, the supply of VSSH is −15 V. Decouple VSSH using a
10 μF capacitor and a 0.1 μF local capacitor. Connect the exposed pad to VSSH.
39
VDDH
P
High Voltage Analog Positive Supply. Nominally, the supply of VDDH is 15 V. Decouple VDDH using a
10 μF capacitor and a 0.1 μF local capacitor.
EP
N/A
Exposed Pad. Connect the exposed pad to VSSH.
1
AI = analog input, AI/O = analog input/output, DI = digital input, DO = digital output, P = power, and N/A means not applicable.
Rev. 0 | Page 11 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com