Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS3023BCPZ Datasheet(PDF) 24 Page - Analog Devices

Part # ADAS3023BCPZ
Description  16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3023BCPZ Datasheet(HTML) 24 Page - Analog Devices

Back Button ADAS3023BCPZ Datasheet HTML 20Page - Analog Devices ADAS3023BCPZ Datasheet HTML 21Page - Analog Devices ADAS3023BCPZ Datasheet HTML 22Page - Analog Devices ADAS3023BCPZ Datasheet HTML 23Page - Analog Devices ADAS3023BCPZ Datasheet HTML 24Page - Analog Devices ADAS3023BCPZ Datasheet HTML 25Page - Analog Devices ADAS3023BCPZ Datasheet HTML 26Page - Analog Devices ADAS3023BCPZ Datasheet HTML 27Page - Analog Devices ADAS3023BCPZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
ADAS3023
Data Sheet
to buffer the external reference voltage and, thereby, reduce SAR
conversion crosstalk.
The voltage reference temperature coefficient (TC) directly
affects the full-scale accuracy of the system; therefore, in
applications where full-scale accuracy is crucial, care must be
taken with the TC. For example, a ±15 ppm/°C TC of the
reference changes the full-scale accuracy by ±1 LSB/°C.
POWER SUPPLY
The ADAS3023 uses five supplies: AVDD, DVDD, VIO, VDDH,
and VSSH (see Table 9). Note that the ACAP, DCAP, and RCAP
pins are for informational purposes only because they are the
outputs of the internal supply regulators.
Table 9. Supplies
Mnemonic
Function
Required
AVDD
Analog 5 V core
Yes
DVDD
Digital 5 V core
Yes, or can connect to
AVDD
VIO
Digital input/output
Yes, and can connect to
DVDD (for the 5 V level)
VDDH
Positive high voltage
Yes, +15 V typical
VSSH
Negative high
voltage
Yes, −15 V typical
ACAP
Analog 2.5 V core
No, on chip
DCAP
Digital 2.5 V core
No, on chip
RCAP
Analog 2.5 V core
No, on chip
Core Supplies
The AVDD and DVDD pins supply the ADAS3023 analog and
digital cores, respectively. Sufficient decoupling of these supplies is
required, consisting of at least a 10 μF capacitor and 100 nF capaci-
tor on each supply. Place the 100 nF capacitors as close as possible
to the ADAS3023. To reduce the number of supplies that are
required, supply the DVDD from the analog supply by connecting
a simple RC filter between AVDD and DVDD, as shown in
Figure 45.
Figure 45. Supply Connections
VIO is the variable digital input/output supply and allows direct
interface with any logic between 1.8 V and 5 V (DVDD supply
maximum). To reduce the supplies that are required, VIO can,
alternatively, be connected to DVDD when DVDD is supplied
from the analog supply through an RC filter. The recommended
low dropout regulators are ADP3334, ADP1715, ADP7102, and
ADP7104 for the AVDD, DVDD, and VIO supplies. Note that
the user must bring up the ADAS3023 power supplies in the
following sequence:
1. VIO
2. VDDH
3. VSSH
4. DVDD
5. AVDD
6. REFx
High Voltage Supplies
The high voltage bipolar supplies, VDDH and VSSH, are
required and must be at least 2.5 V larger than the maximum
operating input voltage. Specifically, any operating input voltage
(as defined in Table 2) of an input pin requires 2.5 V of headroom
from the VDDH/VSSH supplies or
(VSSH + 2.5 V) ≤ INx/COM ≤ (VDDH − 2.5 V)
Sufficient decoupling of these supplies is also required, consisting
of at least a 10 μF capacitor and 100 nF capacitor on each supply.
POWER DISSIPATION MODES
The ADAS3023 offers two power dissipation modes: fully
operational mode and power-down mode.
Fully Operational Mode
In fully operational mode, the ADAS3023 can perform the
conversions normally.
Power-Down Mode
To minimize the operating currents of the device when it is idle,
place the device in full power-down mode by bringing the PD
input high; this places the ADAS3023 into a deep sleep mode in
which CNV activity is ignored and the digital interface is inactive.
Refer to the RESET and Power-Down (PD) Inputs section for
timing details. In deep sleep mode, the internal regulators
(ACAP, RCAP, and DCAP) and the voltage reference are
powered down.
To reestablish operation, return PD to logic low. Note that, before
the device can operate at the specified performance, the reference
voltage must charge up the external reservoir capacitor(s) and be
allowed the specified settling time. RESET must be applied after
returning PD to low to restore the ADAS3023 digital core, includ-
ing the CFG register, to its default state. Therefore, the desired CFG
must be rewritten to the device and one dummy conversion must
be completed before the device operation is restored to the config-
uration programmed prior to PD assertion. Note that when using
the internal reference, sufficient time is required to settle it to
the nominal value. For a typical connection, it requires 100 ms
to settle to the nominal value (see Figure 41).
+
AVDD
AGND
DVDD
DGND
10µF
+
10µF
100nF
100nF
20Ω
+5V DIGITAL
SUPPLY
+5V ANALOG
SUPPLY
VIO
+
10µF
+1.8V TO +5V
DIGITAL I/O
SUPPLY
100nF
+15V
–15V
+
10µF
100nF
+
10µF
100nF
VDDH
VSSH
ADAS3023
DGND
Rev. 0 | Page 24 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com