Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS3023BCPZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADAS3023BCPZ
Description  16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3023BCPZ Datasheet(HTML) 3 Page - Analog Devices

  ADAS3023BCPZ Datasheet HTML 1Page - Analog Devices ADAS3023BCPZ Datasheet HTML 2Page - Analog Devices ADAS3023BCPZ Datasheet HTML 3Page - Analog Devices ADAS3023BCPZ Datasheet HTML 4Page - Analog Devices ADAS3023BCPZ Datasheet HTML 5Page - Analog Devices ADAS3023BCPZ Datasheet HTML 6Page - Analog Devices ADAS3023BCPZ Datasheet HTML 7Page - Analog Devices ADAS3023BCPZ Datasheet HTML 8Page - Analog Devices ADAS3023BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
ADAS3023
SPECIFICATIONS
VDDH = 15 V ± 5%, VSSH = −15 V ± 5%, AVDD = DVDD = 5 V ± 5%; VIO = 1.8 V to AVDD, Internal Reference VREF = 4.096 V, fS =
500 kSPS, all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit1
RESOLUTION
16
Bits
ANALOG INPUT (IN0 to IN7, COM)
Input Impedance
ZIN
500
MΩ
Operating Input Voltage Range2
VIN, on any single pin
VSSH + 2.5
VDDH − 2.5
V
Differential Input Voltage Ranges, VIN
VINX − COM
PGIA gain = 0.2, VIN = 40.96 V p-p
−5VREF
+5VREF
V
PGIA gain = 0.4, VIN = 20.48 V p-p
−2.5VREF
+2.5VREF
V
PGIA gain = 0.8, VIN = 10.24 V p-p
−1.25VREF
+1.25VREF
V
PGIA gain = 1.6, VIN = 5.12 V p-p
−0.625VREF
+0.625VREF
V
THROUGHPUT
Conversion Rate
Two channels
0
500
kSPS
Four channels
0
250
kSPS
Six channels
0
167
kSPS
Eight channels
0
125
kSPS
Transient Response3
Full-scale step
820
ns
DC ACCURACY
No Missing Codes
16
Bits
Integral Linearity Error
PGIA gain = 0.2, 0.4, or 0.8, COM = 0 V
−2.5
±1
+2.5
LSB
PGIA gain = 1.6, COM = 0 V
−3
±1
+3
Differential Linearity Error
All PGIA gains, COM = 0 V
−0.95
±0.5
+1.25
LSB
Transition Noise
PGIA gain = 0.2 or 0.4
6
LSB
PGIA gain = 0.8
7
LSB
PGIA gain = 1.6
10
LSB
Gain Error4
External reference, all PGIA gains
−0.075
+0.075
%FS
Gain Error Match, Delta Mean
External reference, all PGIA gains
−0.05
+0.05
%FS
Gain Error Temperature Drift
External reference, PGIA gain = 0.2, 0.4, or 0.8
1
ppm/°C
External reference, PGIA gain = 1.6
2
ppm/°C
Offset Error4
External reference, PGIA gain = 0.2
−65
−35
+12
LSB
External reference, PGIA gain = 0.4
−85
−45
+12
LSB
External reference, PGIA gain = 0.8
−10
0
+10
LSB
External reference, PGIA gain = 1.6
0
130
250
LSB
Offset Error Match, Delta Mean
External reference, PGIA gain = 0.2, 0.4, 0.8, or 1.6
−15
±1
+15
LSB
Offset Error Temperature Drift
External reference, PGIA gain = 0.2 or 0.4, IN0 to IN7
0
0.5
2
ppm/°C
External reference, PGIA gain = 0.8, IN0 to IN7
0
1.5
3
ppm/°C
External reference, PGIA gain = 1.6, IN0 to IN7
0
2.5
5
ppm/°C
AC ACCURACY5
Internal reference
Signal-to-Noise Ratio
fIN = 1 kHz, COM = 0 V
PGIA gain = 0.2
90.0
91.5
dB
PGIA gain = 0.4
89.5
91.0
dB
PGIA gain = 0.8
87.5
89.0
dB
PGIA gain = 1.6
85.0
86.5
dB
Signal-to-Noise + Distortion (SINAD)
fIN = 1 kHz, two, four, six, and eight channels
PGIA gain = 0.2
89.5
91.0
dB
PGIA gain = 0.4
89.0
90.5
dB
PGIA gain = 0.8
87.0
88.5
dB
PGIA gain = 1.6
84.0
86.0
dB
Rev. 0 | Page 3 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com