Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS3023BCPZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADAS3023BCPZ
Description  16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3023BCPZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADAS3023BCPZ Datasheet HTML 16Page - Analog Devices ADAS3023BCPZ Datasheet HTML 17Page - Analog Devices ADAS3023BCPZ Datasheet HTML 18Page - Analog Devices ADAS3023BCPZ Datasheet HTML 19Page - Analog Devices ADAS3023BCPZ Datasheet HTML 20Page - Analog Devices ADAS3023BCPZ Datasheet HTML 21Page - Analog Devices ADAS3023BCPZ Datasheet HTML 22Page - Analog Devices ADAS3023BCPZ Datasheet HTML 23Page - Analog Devices ADAS3023BCPZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
ADAS3023
Data Sheet
Figure 36. System Timing
Regardless of the type of signal, (single-ended symmetric or
asymmetric), the ADAS3023 converts all signals present on the
enabled inputs and COM pin in a differential fashion identical
to an industry-standard difference or instrumentation amplifier.
The conversion results are available after the conversion is complete
and can be read back at any time before the end of the next con-
version. Avoid reading back data during the quiet period, indicated
by BUSY/SDO2 being active high. Because the ADAS3023 has
an on-board conversion clock, the serial clock (SCK) is not
required for the conversion process; it is only required to
present results to the user.
TRANSFER FUNCTIONS
The ideal transfer characteristic for the ADAS3023 is shown in
Figure 37. The inputs are configured for differential input ranges
and the data outputs are in twos complement format, as listed in
Table 6.
Figure 37. ADC Ideal Transfer Function
Table 6. Output Codes and Ideal Input Voltages
Description
Differential Analog Inputs,VREF = 4.096V
Digital Output Code
(Twos Complement Hex)
FSR − 1 LSB
(32,767 × VREF)/(32,768 × PGIA gain)
0x7FFF
Midscale + 1 LSB
(VREF/(32,768 × PGIA gain))
0x0001
Midscale
0
0x0000
Midscale − 1 LSB
−(VREF/(32,768 × PGIA gain))
0xFFFF
−FSR + 1 LSB
−(32,767 × VREF)/(32,768 × PGIA gain)
0x8001
−FSR
−VREF × PGIA gain
0x8000
CNV
PHASE
CONVERSION
ACQUISITION
tCYC
tCONV
tACQ
100...000
100...001
100...010
011...101
011...110
011...111
TWOS
COMPLEMENT
STRAIGHT
BINARY
000...000
000...001
000...010
111...101
111...110
111...111
ANALOG INPUT
+FSR – 1.5LSB
+FSR – 1LSB
–FSR + 1LSB
–FSR
–FSR + 0.5LSB
Rev. 0 | Page 20 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com