Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS3023BCPZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADAS3023BCPZ
Description  16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3023BCPZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADAS3023BCPZ Datasheet HTML 21Page - Analog Devices ADAS3023BCPZ Datasheet HTML 22Page - Analog Devices ADAS3023BCPZ Datasheet HTML 23Page - Analog Devices ADAS3023BCPZ Datasheet HTML 24Page - Analog Devices ADAS3023BCPZ Datasheet HTML 25Page - Analog Devices ADAS3023BCPZ Datasheet HTML 26Page - Analog Devices ADAS3023BCPZ Datasheet HTML 27Page - Analog Devices ADAS3023BCPZ Datasheet HTML 28Page - Analog Devices ADAS3023BCPZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Data Sheet
ADAS3023
CONVERSION MODES
The ADAS3023 offers two conversion modes to accommodate
varying applications, and both modes are set with the conversion
mode select bit, CMS (Bit 1) of the CFG register.
Warp Mode (CMS = 0)
Setting CMS to 0 is useful where the full 2-channel throughput
of 500 kSPS is required. However, in this mode, the maximum
time between conversions is restricted. If this maximum period is
exceeded, the conversion result can be corrupted. Therefore, the
warp mode is best suited for continuously sampled applications.
Normal Mode (CMS = 1, Default)
Setting CMS to 1 is useful for all applications where the full
500 kSPS sample rate of the device is not required. In this mode,
there is no maximum time restriction between conversions. This
mode is the default condition from the assertion of an asynchro-
nous reset. The main difference between the normal mode and
warp mode is that the BUSY/SDO2 time, tCONV, is slightly longer
in normal mode than in warp mode.
Rev. 0 | Page 25 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com