Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS3023BCPZ Datasheet(PDF) 27 Page - Analog Devices

Part # ADAS3023BCPZ
Description  16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3023BCPZ Datasheet(HTML) 27 Page - Analog Devices

Back Button ADAS3023BCPZ Datasheet HTML 23Page - Analog Devices ADAS3023BCPZ Datasheet HTML 24Page - Analog Devices ADAS3023BCPZ Datasheet HTML 25Page - Analog Devices ADAS3023BCPZ Datasheet HTML 26Page - Analog Devices ADAS3023BCPZ Datasheet HTML 27Page - Analog Devices ADAS3023BCPZ Datasheet HTML 28Page - Analog Devices ADAS3023BCPZ Datasheet HTML 29Page - Analog Devices ADAS3023BCPZ Datasheet HTML 30Page - Analog Devices ADAS3023BCPZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Data Sheet
ADAS3023
to access the data result prior to initiating a new conversion
produces an invalid result.
Upon the device returning from power-down mode or from a reset
when the default CFG is not used, there is no tACQ requirement
because the first two conversions from power-up are undefined/
invalid because the one-deep delay pipeline requirement must
be satisfied to reconfigure the device to the desired setting.
SERIAL DATA INTERFACE
The ADAS3023 uses a simple 4-wire interface and is compatible
with FPGAs, DSPs, and common serial interfaces such as a
serial peripheral interface (SPI), QSPI™, and MICROWIRE®. The
interface uses the CS, SCK, SDO, and DIN signals. Timing signals
for a serial interface are shown in Figure 47.
SDO is activated when CS is asserted. The conversion result is
output on SDO and updated on the SCK falling edges. Simulta-
neously, the 16-bit CFG word is updated, if needed, on the serial
data input (DIN). The state of BUSY/SDO2 (Bit 0) determines the
output format of the MSB data when SDO is activated after the
EOC. Note that, in Figure 47, SCK is shown as idling high. SCK
can idle high or low, requiring the system developer to design an
interface that suits setup and hold times for both SDO and DIN.
Figure 47. Serial Timing
DIN
(MOSI)
SDO
(MISO)
CS
SCK
tDINH
tDINS
tSDOV
tSDOH
tSCKL
tSCK
tSCKH
tDIS
tEN
Rev. 0 | Page 27 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com