Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS3023BCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADAS3023BCPZ
Description  16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS3023BCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADAS3023BCPZ Datasheet HTML 10Page - Analog Devices ADAS3023BCPZ Datasheet HTML 11Page - Analog Devices ADAS3023BCPZ Datasheet HTML 12Page - Analog Devices ADAS3023BCPZ Datasheet HTML 13Page - Analog Devices ADAS3023BCPZ Datasheet HTML 14Page - Analog Devices ADAS3023BCPZ Datasheet HTML 15Page - Analog Devices ADAS3023BCPZ Datasheet HTML 16Page - Analog Devices ADAS3023BCPZ Datasheet HTML 17Page - Analog Devices ADAS3023BCPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ADAS3023
Data Sheet
Figure 19. Crosstalk vs. Frequency
Figure 20. CMRR vs. Frequency
Figure 21. VDDH Current vs. Throughput
Figure 22. VSSH Current vs. Throughput
Figure 23. AVDD Current vs. Throughput
Figure 24. DVDD Current vs. Throughput
–105
100
1k
10k
100k
1M
–80
–85
–90
–95
–100
FREQUENCY (Hz)
CH1, 2 ACTIVE CHANNELS, 500kSPS, PGIA GAIN = 0.8
CH3, 4 ACTIVE CHANNELS, 200kSPS, PGIA GAIN = 0.8
CH4, 6 ACTIVE CHANNELS, 100kSPS, PGIA GAIN = 0.8
CH4, 8 ACTIVE CHANNELS, 100kSPS, PGIA GAIN = 0.2
CH4, 8 ACTIVE CHANNELS, 100kSPS, PGIA GAIN = 0.4
CH4, 8 ACTIVE CHANNELS, 100kSPS, PGIA GAIN = 0.8
CH4, 8 ACTIVE CHANNELS, 100kSPS, PGIA GAIN = 1.6
40
1
10
100
10k
1k
110
100
90
80
70
60
50
FREQUENCY (Hz)
PGIA GAIN = 0.2
PGIA GAIN = 0.4
PGIA GAIN = 0.8
PGIA GAIN = 1.6
10
100
1000
THROUGHPUT (kSPS)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
VDDH = 15V
2 ACTIVE CHANNELS, PGIA GAIN = 0.2
4 ACTIVE CHANNELS, PGIA GAIN = 0.2
6 ACTIVE CHANNELS, PGIA GAIN = 0.2
8 ACTIVE CHANNELS, PGIA GAIN = 0.2
2 ACTIVE CHANNELS, PGIA GAIN = 1.6
4 ACTIVE CHANNELS, PGIA GAIN = 1.6
6 ACTIVE CHANNELS, PGIA GAIN = 1.6
8 ACTIVE CHANNELS, PGIA GAIN = 1.6
10
100
1000
THROUGHPUT (kSPS)
–11.0
–2.0
–2.5
–3.0
–3.5
–4.0
–4.5
–5.0
–5.5
–6.0
–6.5
–7.0
–7.5
–8.0
–8.5
–9.0
–9.5
–10.0
–10.5
VSSH = –15V
2 ACTIVE CHANNELS, PGIA GAIN = 0.2
2 ACTIVE CHANNELS, PGIA GAIN = 1.6
4 ACTIVE CHANNELS, PGIA GAIN = 0.2
4 ACTIVE CHANNELS, PGIA GAIN = 1.6
6 ACTIVE CHANNELS, PGIA GAIN = 0.2
6 ACTIVE CHANNELS, PGIA GAIN = 1.6
8 ACTIVE CHANNELS, PGIA GAIN = 0.2
8 ACTIVE CHANNELS, PGIA GAIN = 1.6
10
100
1000
THROUGHPUT (kSPS)
10
11
12
13
14
15
16
17
18
19
20
AVDD = 5V
INTERNAL REFERENCE
EXTERNAL REFERENCE
10
100
1000
THROUGHPUT (kSPS)
0.5
0.8
1.1
1.4
1.7
2.0
2.3
2.6
2.9
3.2
3.5
DVDD = 5V
Rev. 0 | Page 14 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com