Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8902 Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # PAM8902
Description  30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8902 Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  PAM8902 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Block Diagram
2
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM8902
30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
+
GM
-
-
PWM
+
SW
PWM Logic
And Driver
+
-
PGND1
1.5MHz
Oscillator
Enable
Σ
Ramp
Generator
ENA
Comp
CS
Vref
VSET
GSET
+
-
PWM
Modulator
Protection Function
PLL
375KHz
Bias and
Vref
OUT+
OUT-
AVDD
VCM/SS
Level
Shift
and
H-Bridge
PVCC
PGND2
Gain
Adjust
INN
INP
AGND
Gain
Vout
Setting
Resistor
Divider
feedback
PVCC
VCM
VOUT
01/2012 Rev1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com