Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8902 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM8902
Description  30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8902 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM8902 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM8902
30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
Pin Configuration & Marking Information
16 Ball CSP
Top View
Marking
BG
YW
BG: Product Code of PAM8902
Y: Year
W: Week
OUT+
PGND2
GSET
ENA
VOUT
A1
A2
A3
B1
B2
B3
VSET
VCM
C1
C2
C3
SW
A4
B4
COMP
C4
OUT-
PGND1
PVCC
AGND
INP
INN
D1
D2
D3
AVDD
D4
QFN 4X4 16L
Top View
Y:
Year
W: Week
X:
Internal Code
01/2012 Rev1.4
1
2
3
4
16
5
P8902
XXXYW
15
6
14
7
13
8
12
11
10
9
VSET
VOUT
SW
PGND1
GSET
INN
INP
ENA
: Pin 1 Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com