Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8902 Datasheet(PDF) 9 Page - Power Analog Micoelectronics

Part # PAM8902
Description  30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8902 Datasheet(HTML) 9 Page - Power Analog Micoelectronics

Back Button PAM8902 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 12Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 13Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PAM8902
30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
9
,
Power Analog Microelectronics Inc
www.poweranalog.com
01/2012 Rev1.4
Application Information
good low equivalent series-resistance (ESR) ceramic capacitor, typically 1 F, is placed as close as
possible to the device AVDD pin for the best operation. For filtering lower frequency noise signals , a large
ceramic capacitor of 10 F or greater placed near the AVDD supply trace is recommended.
Use external schottky diode can get the best driving capability and efficiency.
Since internal power diode has limited driving capability ,only in following conditions customer ca n remove
the external schottky diode to reduce the cost.
1. Vset = GND or Floating and C less than 1uF.
2. The signal frequency less than 4KHz.
3. Haptic application (50-500Hz)
In order to reduce power consumption while not in use, the PAM8902 contains shutdown circuitry amplifier
off when a logic low is placed on the ENA pin. By switching the ENA pin connected to GND, the PAM89 02
supply current draw will be minimized in idle mode.
The PAM8902 incorporates circuitry designed to detect supply voltage. When the supply voltage dro ps to
2.2V or below, the PAM8902 goes into a state of shutdown, and the device comes out of its shutdown state
and restore to normal function only when reset the power supply or ENA pin.
The PAM8902 has short circuit protection circuitry on the outputs to prevent the device from damage when
output-to-output shorted or output-to-GND shorted occurs. When a short circuit occurs, the device goes
into a latch state and must be reset by cycling the voltage on the ENA pin to a logic low and then back to the
logic high state for normal operation. This will clear the short-circuit flag and allow for normal operation if
the short was removed. If the short was not removed, the protection circuitry will again activate.
Thermal protection on the PAM8902 prevents the device from damage when the internal die temperature
exceeds 150°C. There is a 15°C tolerance on this trip point from device to device. Once the die tem perature
exceeds the set point, the device will enter the shutdown state and the outp uts are disabled,in this
condition both OUT+ and OUT- will become high impedance. This is not a latched fault. The thermal f ault is
cleared once the temperature of the die decreased by 30°C. This large hysteresis will prevent motor
boating sound well and the device begins normal operation at this point with no external system int eraction.
μ
μ
External Schottky Diode
Shutdown operation
Under Voltage Lock-out (UVLO)
Short Circuit Protection (SCP)
Over Temperature Protection (OTP)
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com