Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8902 Datasheet(PDF) 7 Page - Power Analog Micoelectronics

Part # PAM8902
Description  30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8902 Datasheet(HTML) 7 Page - Power Analog Micoelectronics

Back Button PAM8902 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 11Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
0
8
1
2
3
4
5
6
7
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
0
8
1
2
3
4
5
6
7
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
0
12
1
2
3
4
5
6
7
8
9
10
11
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
0
10
1
2
3
4
5
6
7
8
9
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
ΤΗD=1%
Vset Low
PAM8902
30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
7
,
Power Analog Microelectronics Inc
www.poweranalog.com
Typical Operating Characteristics
T =25 C, V =5V,Gain=18dB, unless otherwise noted
A
DD
°
.
10. Output Voltage RMS VS Frequency
9. Output Voltage RMS VS Frequency
8. Output Voltage RMS VS Frequency
7. Output Voltage RMS VS Frequency
VDD=3.6V
VDD=5.5V
Frequency(Hz)
Frequency(Hz)
VDD=3.6V
VDD=4.2V
VDD=5.5V
Frequency(Hz)
VDD=4.2V
VDD=3.6V
VDD=5.5V
VDD=4.2V
Frequency(Hz)
VDD=3.6V
VDD=5.5V
VDD=4.2V
ΤΗD=10%
Vset Floating
ΤΗD=1%
Vset Floating
ΤΗD=10%
Vset Low
12. Output Voltage RMS VS THD+N
11. Output Voltage RMS VS THD+N
0.1
20
0.2
0.5
1
2
5
10
0
16
2
4
6
8
10
12
14
V
VDD=3.6V
Vset High
Output Voltage RMS
0.1
20
0.2
0.5
1
2
5
10
0
10
1
2
3
4
5
6
7
8
9
V
VDD=4.2V
Vset Floating
Output Voltage RMS
01/2012 Rev1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com