Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8902 Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM8902
Description  30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8902 Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM8902 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Electrical Characteristic
T =25 C,
A
°
V =3.6V,C =1uF,Vset float, unless otherwise noted
DD
L
.
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM8902
30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
01/2012 Rev1.4
Parameter
Symbol T est Condition
M in
Typ
M ax
Unit
Input voltage
Vdd
2.5
5.5
V
EN>1.2V, VSET = High
30
48
EN>1.2V, VSET = Floating
10
18
EN>1.2V, VSET = GND
5
12
Shutdown Current
ISD
EN=0V
0.1
1
uA
W ake-Up tim e
Twu
EN from low to high
40
m S
Chip Enable
Veh
1.2
Chip Disable
Vel
0.4
GSET/VSET High
Vh
Vdd-0.5
Vdd
GSET/VSET Floating
Vf
1
Vdd-1
GSET/VSET Low
Vl
0
0.5
Under Voltage lockout thres hold
UVLO
Vdd from high to low
2.2
Under Voltage lockout Hysteres is
UVLOh
Vdd from low to high
0.2
Therm al s hutdown threshold
OTP
150
Therm al s hutdown lockout Hysteresis
OTPh
30
Boost Convertor
Vo1
VSET=GND , No load
7.2
8
8.8
V
Vo2
VSET=NC , No load
10.8
12
13.2
V
Vo3
VSET=AVDD , No load
16
17.5
19
V
Current Lim it
Cl
Average input current
0.8
A
Low Side Mosfet Rdson
Rls
Io=50m A
0.5
Ω
Boost switching frequenc y
Foscb
1.1
1.5
1.9
MHz
Class D
Class D Amplifier Switching Frequency
Foscd
Input AC-GND
225
375
475
KHz
Com mon mode reject ratio
CMRR
Vin=+-100mV, Vdd=3.6V
60
dB
Ouput offset voltage
Vos
output offset voltage
5
50
m V
High side
1.5
Ω
Low side
0.6
Ω
Av1
Gset=AVDD,Vo=1Vrms
25
26
27
Av2
Gset=NC,Vo=1Vrms
21
22
23
Av3
Gset=GND,Vo=1Vrms
17
18
19
Power supply reject ratio
PSR R
200m Vpp s upply ripple at 217Hz
70
dB
Total harmonic distortion plus noise
THD+N Vo=5Vrms
0.3
%
Signal to noise ratio
SNR
Input AC Ground,A-weighting
90
dB
IQ
Closed-loop voltage gain
V
dB
m A
V
V
Output Voltage
Rds on
Rp
Quiescent Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com