Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8902 Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM8902
Description  30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8902 Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM8902 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Supply Voltage ...........................................6.0V
Input Voltage.............................-0.3V to V +0.3V
Storage Temperature.....................-65°C to 150
Soldering Temperature....................
.
DD
°C
Maximum Junction Temperature..................150°C
250°C,10 sec
Recommended Operating Conditions
Supply voltage Range........................
Ambient Temperature Range............-40
to 85
Junction Temperature Range.........
2.5V to 5.5V
°C
°C
-40°C to 125°C
Thermal Information
4
,
Power Analog Microelectronics Inc
www.poweranalog.com
Parameter
Symbol
Package
Max imum
Unit
CSP
90
Thermal Res istance (Junc tion to ambient)
θ
JA
QFN4X4-16
52
°C/W
CSP
75
Thermal Resistance (Junction to case)
θJC
QFN4X4-16
30
°C/W
PAM8902
30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
Pin Configuration
Bump(CSP) Pin NO.(QFN)
Name
Description
A1
16
PVCC
Audio Amplifier Power Supply
A2
1
VOUT
Boost Convertor Output
A3
2
SW
Boost Convertor Switching Node
A4
4
PGND1
Boost Convertor Power Ground
B1
15
OUT+
Positive Differential Audio Output
B2
3
VSET
Boost Convertor Output Voltage Setting(8V,12V,17.5V)
B3
5
COMP
Boost Convertor compensation
B4
6
AVDD
Power Supply
C1
14
OUT-
Negative Differential Audio Output
C2
11
GSET
Amplifier Gain setting ( 18dB , 22dB , 26dB)
C3
7
VCM
Common Mode bypass Cap
C4
8
AGND
Analog Ground
D1
13
PGND2
Class D Power Ground
D2
12
ENA
Whole chip Enable
D3
10
INN
Negative Differential Audio Input
D4
9
INP
Positive Differential Audio Input
01/2012 Rev1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com