Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8902 Datasheet(PDF) 8 Page - Power Analog Micoelectronics

Part # PAM8902
Description  30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8902 Datasheet(HTML) 8 Page - Power Analog Micoelectronics

Back Button PAM8902 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 12Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PAM8902
30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
8
,
Power Analog Microelectronics Inc
www.poweranalog.com
01/2012 Rev1.4
Application Information
Select Boost Convertor Output Voltage
Customer can use Vset pin to set boost converor output voltage between 8V,12V and 17.5V.
Vset pin configuration table as below:
Input Resistance (Ri)
G=20 Log [12.8*Rf/(Rin+Rex)] (dB)
Input Capacitors (Ci )
Decoupling Capacitor
The input resistors (Ri=Rin+Rex) set the gain of the amplifier according to Equation 1 when anti-saturation
is inactive.
Where Rin is a 77.4K
internal resistor, Rex is the external input resistor,Rf is a 122.6K
internal resistor.
Resistor matching is very important in fully differential amplifiers. The balance of the output on the
reference voltage depends on matched ratios of the resistors. CMRR, PSRR, and cancellation of the
second harmonic distortion diminish if resistor mismatch occurs. Therefore, it is recommended to use 1%
tolerance resistors or better to keep the performance optimized. Matching is more important than ov erall
tolerance. Resistor arrays with 1% matching can be used with a tolerance greater than 1%.
Place the input resistors very close to the PAM8902 to limit noise injection on the high-impedance nodes.
For optimal performance the gain should be set to lower. Lower gain allows the PAM8902 to operate at its
best, and keeps a high voltage at the input making the inputs less susceptible to noise. In addition to these
features, higher value of Ri minimizes pop noise.
In the typical application, an input capacitor, Ci, is required to allow the amplifier to bias the input signal to
the proper DC level for optimum operation. In this case, Ci and the minimum input impedance Ri form is a
high-pass filter with the corner frequency determined in the follow equation:
It is important to consider the value of Ci as it directly affects the low frequency performance of the circuit.
For example, when Ri is 150k
and the specification calls for a flat bass response are down to 150Hz.
Equation is reconfigured as followed:
When input resistance variation is considered, the Ci is 7nF, so one would likely choose a value of 10nF. A
further consideration for this capacitor is the leakage path from the input source through the input network
(Ci, Ri + Rf) to the load. This leakage current creates a DC offset voltage at the input to the amplifier that
reduces useful headroom, especially in high gain applications. For this reason, a low-leakage tanta lum or
ceramic capacitor is the best choice. When polarized capacitors are used, the positive side of the capacitor
should face the amplifier input in most applications as the DC level is held at V /2, which is likely higher
than the source DC level. Please note that it is important to confirm the capacitor polarity in the application.
The PAM8902 is a high-performance CMOS audio amplifier that requires adequate power supply
decoupling to ensure the output total harmonic distortion (THD) as low as possible.
The optimum decoupling is achieved by using two different types of capacitors that target on differ ent types
of noise on the power supply leads. For higher frequency transients, spikes, or digital hash on the line, a
Ω
Ω
Ω
DD
Vset pin configuration
Min
M ax
PVCC Voltage
Audio amplifier m axim um output voltage
Connect to AVDD
AVDD - 0.5V
AVDD
17.5V
11Vrm s (Vpp=31.1V)
Floating
1V
AVDD - 1V
12V
8Vrms(Vpp=22.6V)
Connect to GND
GND
0.5V
8V
5Vrms(Vpp=14.1V)
Gs et
Rin
Rfb
Gs et=Vdd
77.4k
Ω
122.6k
Ω
Gset=Floating
100k
Ω
100k
Ω
Gset=GND
122.6k
Ω
77.4k
Ω
Rifc
Ci
p
2
1
=
RiCi
fc
p
2
1
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com