Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47DA1 Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP47DA1
Description  6-Bit Windowed Volatile DAC with Command Code
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47DA1 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP47DA1 Datasheet HTML 26Page - Microchip Technology MCP47DA1 Datasheet HTML 27Page - Microchip Technology MCP47DA1 Datasheet HTML 28Page - Microchip Technology MCP47DA1 Datasheet HTML 29Page - Microchip Technology MCP47DA1 Datasheet HTML 30Page - Microchip Technology MCP47DA1 Datasheet HTML 31Page - Microchip Technology MCP47DA1 Datasheet HTML 32Page - Microchip Technology MCP47DA1 Datasheet HTML 33Page - Microchip Technology MCP47DA1 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 76 page
background image
MCP47DA1
DS25118D-page 30
 2012-2013 Microchip Technology Inc.
4.1
POR/BOR Operation
The Power-on Reset is the case where the device is
having power applied to it from VSS. The Brown-out
Reset occurs when a device had power applied to it,
and that power (voltage) drops below the specified
range.
The device’s RAM retention voltage (VRAM) is lower
than the POR/BOR voltage trip point (VPOR/VBOR).
This ensures that when the device Power-on Reset
occurs, the logic can retain the default values that are
loaded. The maximum VPOR/VBOR voltage is less than
1.8V. When VPOR/VBOR < VDD < 2.7V, the DACs’ elec-
trical performance may not meet the data sheet
specifications.
Table 4-2 shows the DAC’s level of functionality across
the entire VDD range, while Figure 4-2 illustrates the
Power-up and Brown-out functionality.
4.1.1
POWER-ON RESET
When the device powers up, the device VDD will cross
the VPOR/VBOR voltage. Once the VDD voltage crosses
the VPOR/VBOR voltage, the following happens:
• Volatile serial shift register/wiper register is loaded
with the default values (see Table 4-1)
• The device is capable of digital operation
TABLE 4-1:
DEFAULT POR WIPER
SETTING SELECTION
4.1.2
BROWN-OUT RESET
When the device powers down, the device VDD will
cross the VPOR/VBOR voltage (VBOR < 1.8V). Once the
VDD voltage decreases below the VPOR/VBOR voltage,
the following happens:
• Serial Interface is disabled
If the VDD voltage decreases below the VRAM voltage,
the following happens:
• Volatile Serial Shift Register (SSR) and wiper
register may become corrupted
As the voltage recovers above the VPOR/VBOR voltage,
see Section 4.1.1 “Power-on Reset”.
Serial commands not completed due to a brown-out
condition may cause the memory location to become
corrupted.
4.1.3
WIPER REGISTER (RAM)
The wiper register is 7-bit volatile memory that starts
functioning at the RAM retention voltage (VRAM). The
wiper register will be loaded with the default wiper
value when VDD rises above the VPOR/VBOR voltage.
4.1.4
DEVICE CURRENTS
The current of the device can be classified into two
modes of the device operation. These are:
• Serial Interface Inactive (Static Operation)
• Serial Interface Active
Static Operation occurs when a Stop condition is
received. Static Operation is exited when a Start
condition is received.
TABLE 4-2:
DEVICE FUNCTIONALITY AT EACH VDD REGION (Note 1)
Note:
At voltages below VDD(MIN), the electrical
performance of the I2C interface may not
meet the data sheet specifications
Default POR
Wiper Setting
Serial Shift
Register (SSR)
Wiper Register
Mid-scale
40h
20h
VDD Level
Serial
Interface
VOUT
DAC Register Setting
Comment
VDD < VTH
Ignored
Unknown
Unknown
VTH < VDD < VBOR Ignored
Pulled Low
Unknown
VBOR  VDD < 1.8V Unknown
Operational with reduced
electrical specifications
DAC register loaded with
POR/BOR value
1.8V
 VDD < 2.7V Accepted Operational with reduced
electrical specifications
DAC register determines
serial Value
Electrical performance may
not meet the data sheet
specifications.
2.7V
 VDD  5.5V Accepted Operational
DAC register determines
serial value
Meets the data sheet
specifications
Note 1: For system voltages below the minimum operating voltage, it is recommended to use a voltage supervisor
to hold the system in Reset. This will ensure that MCP47X1 commands are not attempted out of the oper-
ating range of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com