Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47DA1 Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP47DA1
Description  6-Bit Windowed Volatile DAC with Command Code
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47DA1 Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP47DA1 Datasheet HTML 37Page - Microchip Technology MCP47DA1 Datasheet HTML 38Page - Microchip Technology MCP47DA1 Datasheet HTML 39Page - Microchip Technology MCP47DA1 Datasheet HTML 40Page - Microchip Technology MCP47DA1 Datasheet HTML 41Page - Microchip Technology MCP47DA1 Datasheet HTML 42Page - Microchip Technology MCP47DA1 Datasheet HTML 43Page - Microchip Technology MCP47DA1 Datasheet HTML 44Page - Microchip Technology MCP47DA1 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 76 page
background image
 2012-2013 Microchip Technology Inc.
DS25118D-page 41
MCP47DA1
6.0
RESISTOR NETWORK
The Resistor Network is made up of an R1 resistor, an
RAB resistor ladder, and an R2 resistor connected
together. These three resistors are equal (R1 = RAB =
R2) each with a typical resistance of 10k. The R1
resistor is also connected to the external VREF pin while
the R2 resistor is also internally connected to ground.
Figure 6-1 shows a block diagram for the resistor net-
work and output buffer. The resistance from the VREF
pin to ground is referred to as RVREF.
The 7-bit I2C data byte (00h-7Fh) is decoded to the 6-bit
wiper value (00h-40h). Section 6.4 describes the serial
shift buffer to wiper register decoding.
6.1
RVREF Resistance
RVREF resistance is the resistance from the VREF pin to
ground and is the sum of the R1, RAB, and R2 resis-
tances. Equation 6-1 shows how to calculate RVREF.
6.1.1
VREF PIN CURRENT (IVREF)
The current into the VREF pin is dependent on the volt-
age on the VREF pin (VREF) and the RVREF resistance.
The VREF pin’s voltage source current capability should
support a resistive load that is the minimum RVREF
resistance.
EQUATION 6-1:
CALCULATING RVREF
6.2
R1 and R2 Fixed Resistors
The R1 and R2 resistors are implemented so that based
on temperature and process variations, these resistors
track the RAB resistor ladder. The typical R1 and R2
resistances are 10k
 .
6.3
RAB Resistor Ladder
The RAB resistor ladder is a digital potentiometer in a
voltage divider configuration. The RAB resistor ladder
has 64 RS resistors in series. This resistor ladder has 65
wiper taps which allow wiper connectivity to the bottom
(terminal B), Zero Scale, and the top (terminal A), Full
Scale, of the resistor ladder (see Figure 6-1). With an
even number of RS resistors in the RAB ladder, when the
wiper is at the mid-scale value, VOUT equals VREF/2.
The RAB resistance also includes the RFS and RZS
resistances (see Section 6.3.2). The RAB (and RS)
resistance has small variations over voltage and
temperature. The typical RAB resistance is 10k.
6.3.1
THE WIPER
The value in the volatile wiper register selects which
analog switch to close, connecting the W terminal to
the selected node of the resistor ladder. The wiper
register value is derived from the SSR value (see
Section 6.4).
Any variation of the wiper resistance does not effect the
voltage at the W terminal, and therefore the input of the
output buffer.
6.3.2
RFS AND RZS RESISTORS
The RFS and RZS resistances are artifacts of the RAB
resistor implementation. These resistors are included
in the block diagram to help better model the actual
device operation. Equation 6-2 shows how to estimate
the RS, RFS, and RZS resistances, based on the
measured voltages of VREF, VFS, and VZS and the
measured current IVREF.
EQUATION 6-2:
ESTIMATING RS, RFS,
AND RZS
RVREF =
(VREF)
(IVREF)
VREF is the voltage on the VREF pin.
IVREF is the current into the VREF pin.
VFS is the VOUT voltage when the wiper code is at
full scale (SSR = 60h through 7Fh).
VZS is the VOUT voltage when the wiper code is at
zero scale (SSR = 00h through 20h).
RFS =
( (VREF - (64 * VS) ) - VFS )
(IVREF)
RZS =
( VZS - (64 * VS) )
(IVREF)
VS =
( VFS - VZS )
64
Where:
RS =
VS
IVREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com