Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47DA1 Datasheet(PDF) 52 Page - Microchip Technology

Part # MCP47DA1
Description  6-Bit Windowed Volatile DAC with Command Code
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47DA1 Datasheet(HTML) 52 Page - Microchip Technology

Back Button MCP47DA1 Datasheet HTML 48Page - Microchip Technology MCP47DA1 Datasheet HTML 49Page - Microchip Technology MCP47DA1 Datasheet HTML 50Page - Microchip Technology MCP47DA1 Datasheet HTML 51Page - Microchip Technology MCP47DA1 Datasheet HTML 52Page - Microchip Technology MCP47DA1 Datasheet HTML 53Page - Microchip Technology MCP47DA1 Datasheet HTML 54Page - Microchip Technology MCP47DA1 Datasheet HTML 55Page - Microchip Technology MCP47DA1 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 76 page
background image
MCP47DA1
DS25118D-page 52
 2012-2013 Microchip Technology Inc.
8.1.1
DECREASING OUTPUT STEP SIZE
Due to the step voltage and output range of the
MCP47DA1, it may be desirable to reduce the step
voltage while also modifying the range of the output. A
common method to achieve this smaller step size is a
voltage divider on the DAC’s output. This allows the
VTRIP voltage to be lower than the minimum output volt-
age of the DAC (1/3 * VREF). Figure 8-2 illustrates this
concept. Equation 8-2 shows a quick estimation of the
wiper value given the desired voltage trip (VTRIP) point.
So, for example, if R1 = R2, then the VTRIP voltage
range is from 1/6 * VREF to 1/3 * VREF, where the VOUT
voltage range is from 1/3 * VREF to 2/3 * VREF. Also at
the VTRIP node, the step voltage is 1/2 the step voltage
at the VOUT node.
A bypass capacitor on the output of the voltage divider
plays a critical function in attenuating the output noise
of the DAC and the induced noise from the
environment.
FIGURE 8-2:
Example Circuit Of Set Point
or Threshold Calibration.
EQUATION 8-2:
VOUT AND VTRIP
ESTIMATIONS
8.1.2
BUILDING A “WINDOW” DAC
When calibrating a set point or threshold of a sensor,
typically only a small portion of the DAC output range is
utilized. If the LSb size is adequate enough to meet the
application’s accuracy needs, the unused range is
sacrificed without consequences. If greater accuracy is
needed, then the output range will need to be reduced
to increase the resolution around the desired threshold.
If the threshold is not near VREF, 2 • VREF, or VSS then
creating a “window” around the threshold has several
advantages. One simple method to create this “window”
is to use a voltage divider network with a pull-up and
pull-down resistor. Figure 8-3 and Figure 8-4 illustrate
this concept.
FIGURE 8-3:
Single-Supply “Window”
DAC.
EQUATION 8-3:
VOUT AND VTRIP
ESTIMATIONS
Note:
The VOUT voltage can also be scaled by a
resistor from the VREF pin to the system
reference voltage. Care should be taken
with this implementation due to the ± 20%
variation to the 30k
 typical resistance
from the VREF pin to ground (RVREF). This
variation in resistance directly effects the
actual VOUT voltage.
R1
VCC+
VCC–
VO
I2C™
2-wire
VREF
MCP47DA1
VDD
VOUT
R2
C1
Comp.
VTRIP
VSENSE
VOUT = (1/3) * VREF + (N * VS)
VS = VREF / 192
R2
R1 + R2
VTRIP = VOUT *
R1
VCC+
VCC–
VO
I2C™
2-wire
VREF
MCP47DA1
VDD
VOUT
R2
C1
R3
VCC+
VCC–
RSENSE
Comp.
VTRIP
VOUT = (1/3) * VREF + (N * VS)
VS = VREF / 192
VOUT * R23 + V23 * R1
R1 + R23
VTRIP =
R1
R23
V23
VOUT
VTRIP
Thevenin
Equivalent
R2 * R3
R2 + R3
R23 =
(VCC+ * R2) * (VCC- * R3)
R2 + R3
V23 =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com