Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47DA1 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP47DA1
Description  6-Bit Windowed Volatile DAC with Command Code
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47DA1 Datasheet(HTML) 4 Page - Microchip Technology

  MCP47DA1 Datasheet HTML 1Page - Microchip Technology MCP47DA1 Datasheet HTML 2Page - Microchip Technology MCP47DA1 Datasheet HTML 3Page - Microchip Technology MCP47DA1 Datasheet HTML 4Page - Microchip Technology MCP47DA1 Datasheet HTML 5Page - Microchip Technology MCP47DA1 Datasheet HTML 6Page - Microchip Technology MCP47DA1 Datasheet HTML 7Page - Microchip Technology MCP47DA1 Datasheet HTML 8Page - Microchip Technology MCP47DA1 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 76 page
background image
MCP47DA1
DS25118D-page 4
 2012-2013 Microchip Technology Inc.
AC/DC CHARACTERISTICS
DC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40°C
 TA  +125°C (extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to +5.5V. CL = 1 nF, RL = 5 k .
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Voltage
VDD
2.7
—
5.5
V
Analog Characteristics specified
1.8
—
5.5
V
Digital Characteristics specified
VDD Start Voltage
to ensure wiper to
default Reset
state
VBOR
—
—
1.65
V
RAM retention voltage (VRAM) < VBOR
VDD Rise Rate to
ensure Power-on
Reset
VDDRR
Note 5
V/ms
Delay after device
exits the Reset
state
(VDD > VBOR) to
Digital Interface
Active
TBORD
——
1
µS
Delay after device
exits the Reset
state
(VDD > VBOR) to
VOUT valid
TOUTV
20
µS
Within ± 0.5 LSb of VREF/2
(for default POR/BOR wiper value).
Supply Current
(Note 6)
IDD
—
130
200
µA
Serial Interface Active,
Write all 0’s to volatile wiper,
No Load on VOUT
VDD = 5.5V, VREF = 1.5V,
FSCL = 400 kHz
—
100
160
µA
Serial Interface Inactive (Static),
(Stop condition, SCL = SDA = VIH),
No Load on VOUT
Wiper = 0, VDD = 5.5V, VREF = 1.5V
VREF Input Range
VREF
1—
VDD
VFor VDD  3.0V
VREF  VDD
For VDD < 3.0V
VREF  (VDD - 1.0V)/(2/3) (Note 7)
Note 1:
Resistance is defined as the resistance between the VREF pin and the VSS pin.
2:
INL and DNL are measured at VOUT from Code = 20h (Zero Scale) through Code = 60h (Full Scale).
3:
This specification by design.
4:
Non-linearity is affected by wiper resistance (RW), which changes significantly over voltage and
temperature.
5:
POR/BOR is not rate dependent.
6:
Supply current is independent of VREF current.
7:
See Section 7.1.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com