Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47DA1 Datasheet(PDF) 46 Page - Microchip Technology

Part # MCP47DA1
Description  6-Bit Windowed Volatile DAC with Command Code
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47DA1 Datasheet(HTML) 46 Page - Microchip Technology

Back Button MCP47DA1 Datasheet HTML 42Page - Microchip Technology MCP47DA1 Datasheet HTML 43Page - Microchip Technology MCP47DA1 Datasheet HTML 44Page - Microchip Technology MCP47DA1 Datasheet HTML 45Page - Microchip Technology MCP47DA1 Datasheet HTML 46Page - Microchip Technology MCP47DA1 Datasheet HTML 47Page - Microchip Technology MCP47DA1 Datasheet HTML 48Page - Microchip Technology MCP47DA1 Datasheet HTML 49Page - Microchip Technology MCP47DA1 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 76 page
background image
MCP47DA1
DS25118D-page 46
 2012-2013 Microchip Technology Inc.
TABLE 7-1:
THEORETICAL DAC OUTPUT VALUES (WIPER VALUE = I2C WRITE DATA - 20H)
Wiper
Value
(Note 1)
VOUT (2)Wiper
Value
(Note 1)
VOUT (2)
Ratio
VREF
Ratio
VREF
Hex
Dec
1.5
3.3
5.0
Hex
Dec
1.5
3.3
5.0
00h
0
20h 0.3333 0.5000 1.1000 1.6667
20h
32
40h
0.5000
0.7500 1.6500 2.5000
01h
1
21h 0.3385 0.0578 1.1172 1.6927
21h
33
41h
0.5052
0.7578 1.6672 2.5260
02h
2
22h 0.3438 0.5156 1.1344 1.7188
22h
34
42h
0.5104
0.7656 1.6844 2.5521
03h
3
23h 0.3490 0.5234 1.1516 1.7448
23h
35
43h
0.5156
0.7734 1.7016 2.5781
04h
4
24h 0.3542 0.5313 1.1688 1.1771
24h
36
44h
0.5208
0.7813 1.7188 2.6042
05h
5
25h 0.3594 0.5391 1.1859 1.7969
25h
37
45h
0.5260
0.7891 1.7359 2.6302
06h
6
26h 0.3646 0.5469 1.2031 1.8229
26h
38
46h
0.5313
0.7969 1.7531 2.6563
07h
7
27h 0.3698 0.5547 1.2203 1.8490
27h
39
47h
0.5365
0.8047 1.7703 2.6823
08h
8
28h 0.3750 0.5625 1.2375 1.8750
28h
40
48h
0.5417
0.8125 1.7875 2.7083
09h
9
29h 0.3802 0.5703 1.2547 1.9010
29h
41
49h
0.5469
0.8203 1.8047 2.7344
0Ah
10
2Ah 0.3854 0.5781 1.2719 1.9271
2Ah
42
4Ah
0.5521
0.8281 1.8219 2.7604
0Bh
11
2Bh 0.3906 0.5859 1.2891 1.9531
2Bh
43
4Bh
0.5573
0.8359 1.8391 2.7865
0Ch
12
2Ch 0.3958 0.5938 1.3063 1.9792
2Ch
44
4Ch
0.5625
0.8438 1.8563 2.8125
0Dh
13
2Dh 0.4010 0.6016 1.3234 2.0052
2Dh
45
4Dh
0.5677
0.8516 1.8734 2.8385
0Eh
14
2Eh 0.4063 0.6094 1.3406 2.0313
2Eh
46
4Eh
0.5729
0.8594 1.8906 2.8646
0Fh
15
2Fh 0.4115 0.6172 1.3578 2.0573
2Fh
47
4Fh
0.5781
0.8672 1.9078 2.8906
10h
16
30h 0.4167 0.6250 1.3750 2.0833
30h
48
50h
0.5833
0.8750 1.9250 2.9167
11h
17
31h 0.4219 0.6328 1.3922 2.1094
31h
49
51h
0.5885
0.8828 1.9422 2.9427
12h
18
32h 0.4271 0.6406 1.4094 2.1354
32h
50
52h
0.5938
0.8906 1.9594 2.9688
13h
19
33h 0.4323 0.6484 1.4266 2.1615
33h
51
53h
0.5990
0.8984 1.9766 2.9948
14h
20
34h 0.4375 0.6563 1.4438 2.1875
34h
52
54h
0.6042
0.9063 1.9938 3.0208
15h
21
35h 0.4427 0.6641 1.4609 2.2135
35h
53
55h
0.6094
0.9141 2.0109 3.0469
16h
22
36h 0.4479 0.6719 1.4781 2.2396
36h
54
56h
0.6146
0.9219 2.0281 3.0729
17h
23
37h 0.4531 0.6797 1.4953 2.2656
37h
55
57h
0.6198
0.9297 2.0453 3.0990
18h
24
38h 0.4583 0.6875 1.5125 2.2917
38h
56
58h
0.6250
0.9375 2.0625 3.1250
19h
25
39h 0.4635 0.6953 1.5297 2.3177
39h
57
59h
0.6302
0.9453 2.0797 3.1510
1Ah
26
3Ah
04688 0.7031 1.5469 2.3438
3Ah
58
5Ah
0.6354
0.9531 2.0969 3.1771
1Bh
27
3Bh 0.4740 0.7109 1.5641 2.3698
3Bh
59
5Bh
0.6406
0.9609 2.1141 3.2031
1Ch
28
3Ch 0.4792 0.7188 1.5813 2.3958
3Ch
60
5Ch
0.6458
0.9688 2.1313 3.2292
1Dh
29
3Dh 0.4844 0.7266 1.5984 2.4219
3Dh
61
5Dh
0.6510
0.9766 2.1484 3.2552
1Eh
30
3Eh 0.4896 0.7344 1.6156 2.4479
3Eh
62
5Eh
0.6563
0.9844 2.1656 3.2813
1Fh
31
3Fh 0.4948 0.7422 1.6328 2.4740
3Fh
63
5Fh
0.6616
0.9922 2.1828 3.3073
40h
64
60h
0.6667
1.0000 2.2000 3.3333
Note 1:
The I2C 7-bit write data value (serial shift register) will be offset by -20h,
That is I2C 7-bit write value = 20h, wiper code = 00h. See Section 6.4 for additional information.
2:
VOUT voltages based on RFS and RZS = 0 .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com