Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47DA1 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP47DA1
Description  6-Bit Windowed Volatile DAC with Command Code
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47DA1 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP47DA1 Datasheet HTML 3Page - Microchip Technology MCP47DA1 Datasheet HTML 4Page - Microchip Technology MCP47DA1 Datasheet HTML 5Page - Microchip Technology MCP47DA1 Datasheet HTML 6Page - Microchip Technology MCP47DA1 Datasheet HTML 7Page - Microchip Technology MCP47DA1 Datasheet HTML 8Page - Microchip Technology MCP47DA1 Datasheet HTML 9Page - Microchip Technology MCP47DA1 Datasheet HTML 10Page - Microchip Technology MCP47DA1 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
 2012-2013 Microchip Technology Inc.
DS25118D-page 7
MCP47DA1
Digital Inputs/Outputs (SDA, SCK)
Schmitt Trigger
High Input
Threshold
VIH
0.7 VDD
——
V
2.7V
 VDD  5.5V
Schmitt Trigger
Low Input
Threshold
VIL
-0.5
—
0.3VDD
V
Hysteresis of
Schmitt Trigger
Inputs (Note 3)
VHYS
—0.1VDD
—
V
All inputs except SDA and SCL
N.A.
—
—
V
SDA
and
SCL
100 kHz
VDD < 2.0V
N.A.
—
—
V
VDD  2.0V
0.1 VDD
——
V
400 kHz
VDD < 2.0V
0.05 VD
D
——
V
VDD  2.0V
Output Low
Voltage (SDA)
VOL
VSS
—0.2VDD
VVDD < 2.0V, IOL = 1 mA
VSS
—0.4
V
VDD  2.0V, IOL = 3 mA
Input Leakage
Current
IIL
-1
—
1
µA
VREF = VDD and VREF = VSS
Pin Capacitance
CIN, COUT
—10
—
pF
fC = 400 kHz
RAM (Wiper) Value
Value Range
N
0h
—
7Fh
hex
Zero Scale = 00h thru 20h,
Full Scale = 60h thru 7Fh
Wiper POR/BOR
Value
NPOR/BOR
40h
hex
Power Requirements
Power Supply
Sensitivity
PSS
—
0.0015
0.0035
%/%
VDD = 2.7V to 5.5V,
VREF = 1.65V, Code = 40h
AC/DC CHARACTERISTICS (CONTINUED)
DC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40°C
 TA  +125°C (extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to +5.5V. CL = 1 nF, RL = 5 k .
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Resistance is defined as the resistance between the VREF pin and the VSS pin.
2:
INL and DNL are measured at VOUT from Code = 20h (Zero Scale) through Code = 60h (Full Scale).
3:
This specification by design.
4:
Non-linearity is affected by wiper resistance (RW), which changes significantly over voltage and
temperature.
5:
POR/BOR is not rate dependent.
6:
Supply current is independent of VREF current.
7:
See Section 7.1.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com