Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47DA1 Datasheet(PDF) 57 Page - Microchip Technology

Part # MCP47DA1
Description  6-Bit Windowed Volatile DAC with Command Code
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47DA1 Datasheet(HTML) 57 Page - Microchip Technology

Back Button MCP47DA1 Datasheet HTML 53Page - Microchip Technology MCP47DA1 Datasheet HTML 54Page - Microchip Technology MCP47DA1 Datasheet HTML 55Page - Microchip Technology MCP47DA1 Datasheet HTML 56Page - Microchip Technology MCP47DA1 Datasheet HTML 57Page - Microchip Technology MCP47DA1 Datasheet HTML 58Page - Microchip Technology MCP47DA1 Datasheet HTML 59Page - Microchip Technology MCP47DA1 Datasheet HTML 60Page - Microchip Technology MCP47DA1 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 76 page
background image
 2012-2013 Microchip Technology Inc.
DS25118D-page 57
MCP47DA1
8.6.2
PCB AREA REQUIREMENTS
In some applications, PCB area is a criteria for device
selection. Table 8-2 shows the typical package
dimensions and area for the different package options.
TABLE 8-2:
PACKAGE FOOTPRINT (1)
8.6.3
FOOTPRINT COMPATIBILITY WITH
MCP40D18
The MCP47DA1 in the SC70 package is footprint com-
patible with the MCP40D18 device. The VREF pin is
analogous to the A Terminal pin while the VOUT pin is
analogous to the W Terminal pin. The VOUT pin is a
buffered output so any buffering of the W Terminal pin
may be able to be removed. Also, verify the resistor
network’s resistance to ensure the voltage source on
the VREF pin (A Terminal) can support the current
requirements (IVREF vs. the IRAB).
8.6.4
CONNECTING TO I2C BUS USING
PULL-UP RESISTORS
The SCL and SDA pins of the MCP47DA1 devices are
open-drain configurations. These pins require a pull-up
resistor as shown in Figure 8-9.
The pull-up resistor values (R1 and R2) for SCL and
SDA pins depend on the operating speed (standard,
fast, and high speed) and loading capacitance of the
I2C bus line. A higher value of the pull-up resistor
consumes less power, but increases the signal
transition time (higher RC time constant) on the bus
line. Therefore, it can limit the bus operating speed.
The lower resistor value, on the other hand, consumes
higher power, but allows higher operating speed. If the
bus line has higher capacitance due to long metal
traces or multiple device connections to the bus line, a
smaller pull-up resistor is needed to compensate the
long RC time constant. The pull-up resistor is typically
chosen between 1 k
and 10 kranges for Standard
and Fast modes.
8.6.4.1
Device Connection Test
The user can test the presence of the device on the I2C
bus line using a simple I2C command. This test can be
achieved by checking an acknowledge response from
the device after sending a Read or Write command.
Figure 8-10 shows an example with a Read command.
The steps are:
a) Set the R/W bit “High” in the device’s address
byte.
b) Check the ACK bit of the address byte.
If the device acknowledges (ACK = 0) the
command, then the device is connected,
otherwise it is not connected.
c)
Send Stop bit.
FIGURE 8-10:
I2C Bus Connection Test.
Package
Package Footprint
Type
Code
Dimensions (mm)
Length
Width
6
SOT-23
OT
3.10
3.20
9.92
6
SC70
LT
2.0
2.10
4.20
Note 1: Does not include recommended Land
Pattern dimensions. Dimensions are
max. values.
12 3
4
5 6
7
8
9
SCL
SDA
11 0
1A2 A1 A0 1
Start
Bit
Address Byte
Address bits
Device Code
R/W
Stop
Bit
Device
Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com