Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6421 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP6421
Description  4.4 關A, 90 kHz Op Amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6421 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP6421 Datasheet HTML 17Page - Microchip Technology MCP6421 Datasheet HTML 18Page - Microchip Technology MCP6421 Datasheet HTML 19Page - Microchip Technology MCP6421 Datasheet HTML 20Page - Microchip Technology MCP6421 Datasheet HTML 21Page - Microchip Technology MCP6421 Datasheet HTML 22Page - Microchip Technology MCP6421 Datasheet HTML 23Page - Microchip Technology MCP6421 Datasheet HTML 24Page - Microchip Technology MCP6421 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
 2013 Microchip Technology Inc.
DS25165A-page 21
MCP6421
5.0
DESIGN AIDS
Microchip provides the basic design tools needed for
the MCP6421 op amp.
5.1
SPICE Macro Model
The latest SPICE macro model for the MCP6421 op
amp is available on the Microchip web site at
www.microchip.com. The model was written and tested
in the official OrCAD (Cadence®) owned PSpice®. For
the other simulators, translation may be required.
The model covers a wide aspect of the op amp's
electrical specifications. Not only does the model cover
voltage, current and resistance of the op amp, but it
also covers the temperature and the noise effects on
the behavior of the op amp. The model has not been
verified outside of the specification range listed in the
op amp data sheet. The model behaviors under these
conditions cannot ensure it will match the actual op
amp performance.
Moreover, the model is intended to be an initial design
tool. Bench testing is a very important part of any
design and cannot be replaced with simulations. Also,
simulation results using this macro model need to be
validated by comparing them to the data sheet
specifications and characteristic curves.
5.2
FilterLab® Software
Microchip’s FilterLab software is an innovative software
tool that simplifies analog active filter design using op
amps. Available at no cost from the Microchip web site
at www.microchip.com/filterlab, the FilterLab design
tool provides full schematic diagrams of the filter circuit
with component values. It also outputs the filter circuit
in SPICE format, which can be used with the macro
model to simulate the actual filter performance.
5.3
Microchip Advanced Part Selector
(MAPS)
MAPS is a software tool that helps semiconductor
professionals efficiently identify the Microchip devices
that fit a particular design requirement. Available at no
cost
from
the
Microchip
website
at
www.microchip.com/ maps, the MAPS is an overall
selection tool for Microchip’s product portfolio that
includes Analog, Memory, MCUs and DSCs. Using this
tool, you can define a filter to sort features for a
parametric search of devices and export side-by-side
technical comparison reports. Helpful links are also
provided for data sheets, purchase and sampling of
Microchip parts.
5.4
Analog Demonstration and
Evaluation Boards
Microchip
offers
a
broad
spectrum
of
Analog
Demonstration
and
Evaluation
Boards
that
are
designed to help you achieve faster time to market. For
a
complete
listing
of
these
boards
and
their
corresponding user’s guides and technical information,
visit the Microchip web site at www.microchip.com/
analogtools.
Some boards that are especially useful are:
• MCP6XXX Amplifier Evaluation Board 1
• MCP6XXX Amplifier Evaluation Board 2
• MCP6XXX Amplifier Evaluation Board 3
• MCP6XXX Amplifier Evaluation Board 4
• Active Filter Demo Board Kit
• 5/6-Pin SOT-23 Evaluation Board, P/N VSUPEV2
5.5
Application Notes
The following Microchip Analog Design Note and
Application Notes are available on the Microchip web
site
at
www.microchip.com/appnotes,
and
are
recommended as supplemental reference resources.
• ADN003 – “Select the Right Operational Amplifier
for your Filtering Circuits”, DS21821
• AN722 – “Operational Amplifier Topologies and
DC Specifications”, DS00722
• AN723 – “Operational Amplifier AC Specifications
and Applications”, DS00723
• AN884 – “Driving Capacitive Loads With Op
Amps”, DS00884
• AN990 – “Analog Sensor Conditioning Circuits –
An Overview”, DS00990
• AN1177 – “Op Amp Precision Design: DC Errors”,
DS01177
• AN1228 – “Op Amp Precision Design: Random
Noise”, DS01228
• AN1297 – “Microchip’s Op Amp SPICE Macro
Models”, DS01297
• AN1332: “Current Sensing Circuit Concepts and
Fundamentals”’ DS01332
• AN1494: “Using MCP6491 Op Amps for Photode-
tection Applications”’ DS01494
These application notes and others are listed in the
design guide:
• “Signal Chain Design Guide”, DS21825



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com