Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6421 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP6421
Description  4.4 關A, 90 kHz Op Amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6421 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP6421 Datasheet HTML 6Page - Microchip Technology MCP6421 Datasheet HTML 7Page - Microchip Technology MCP6421 Datasheet HTML 8Page - Microchip Technology MCP6421 Datasheet HTML 9Page - Microchip Technology MCP6421 Datasheet HTML 10Page - Microchip Technology MCP6421 Datasheet HTML 11Page - Microchip Technology MCP6421 Datasheet HTML 12Page - Microchip Technology MCP6421 Datasheet HTML 13Page - Microchip Technology MCP6421 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
MCP6421
DS25165A-page 10
 2013 Microchip Technology Inc.
Note: Unless otherwise indicated, TA= +25°C, VDD = +1.8V to +5.5V, VSS= GND, VCM = VDD/2, VOUT =VDD/2,
VL =VDD/2, RL = 100 k to VL and CL = 30 pF.
FIGURE 2-19:
DC Open-Loop Gain vs.
Output Voltage Headroom.
FIGURE 2-20:
Gain Bandwidth Product,
Phase Margin vs. Ambient Temperature.
FIGURE 2-21:
Gain Bandwidth Product,
Phase Margin vs. Ambient Temperature.
FIGURE 2-22:
Output Short Circuit Current
vs. Power Supply Voltage.
FIGURE 2-23:
Output Voltage Swing vs.
Frequency.
FIGURE 2-24:
Output Voltage Headroom
vs. Output Current.
90
100
110
120
130
140
150
V
DD = 5.5V
V
DD = 1.8V
70
80
0.00
0.05
0.10
0.15
0.20
0.25
0.30
Output Voltage Headroom (V)
V
DD -VOH or VOL -VSS
60
80
100
120
140
160
180
60.0
70.0
80.0
90.0
100.0
Gain Bandwidth Product
0
20
40
60
30.0
40.0
50.0
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
V
DD = 12V
V
DD = 12V
V
DD = 12V
V
DD = 12V
V
DD = 12V
V
DD = 12V
V
DD = 12V
Phase Margin
V
DD = 5.5V
60
80
100
120
140
160
180
60.0
70.0
80.0
90.0
100.0
Gain Bandwidth Product
0
20
40
60
30.0
40.0
50.0
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
Phase Margin
V
DD = 1.8V
20
-10
0
10
20
30
40
Isc+@ T
A = +125°C
T
A = +85°C
T
A = +25°C
T
A = -40°C
Isc-@ T
A = +125°C
T
85°C
-40
-30
-20
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Power Supply Voltage (V)
T
A = +85°C
T
A = +25°C
T
A = -40°C
1
10
V
DD = 1.8V
V
DD = 5.5V
0.1
1000
10000
100000
Frequency (Hz)
1k
10k
100k
10
100
1000
V
DD -VOH
V
OL -VSS
V
DD = 1.8V
0.1
1
0.001
0.01
0.1
1
10
100
Output Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com