Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6421 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP6421
Description  4.4 關A, 90 kHz Op Amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6421 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP6421 Datasheet HTML 9Page - Microchip Technology MCP6421 Datasheet HTML 10Page - Microchip Technology MCP6421 Datasheet HTML 11Page - Microchip Technology MCP6421 Datasheet HTML 12Page - Microchip Technology MCP6421 Datasheet HTML 13Page - Microchip Technology MCP6421 Datasheet HTML 14Page - Microchip Technology MCP6421 Datasheet HTML 15Page - Microchip Technology MCP6421 Datasheet HTML 16Page - Microchip Technology MCP6421 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
 2013 Microchip Technology Inc.
DS25165A-page 13
MCP6421
Note: Unless otherwise indicated, TA= +25°C, VDD = +1.8V to +5.5V, VSS= GND, VCM = VDD/2, VOUT =VDD/2,
VL =VDD/2, RL = 100 k to VL and CL = 30 pF.
FIGURE 2-37:
EMIRR vs. RF Input Peak-
to-Peak Voltage.
0
20
40
60
80
100
120
-45 -40 -35 -30 -25 -20 -15 -10
-5
0
5
10
RF Input Voltage (V
PK)
EMIRR @ 2400 MHz
@ 1800 MHz
@ 900 MHz
@ 400 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com