Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6421 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP6421
Description  4.4 關A, 90 kHz Op Amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6421 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP6421 Datasheet HTML 15Page - Microchip Technology MCP6421 Datasheet HTML 16Page - Microchip Technology MCP6421 Datasheet HTML 17Page - Microchip Technology MCP6421 Datasheet HTML 18Page - Microchip Technology MCP6421 Datasheet HTML 19Page - Microchip Technology MCP6421 Datasheet HTML 20Page - Microchip Technology MCP6421 Datasheet HTML 21Page - Microchip Technology MCP6421 Datasheet HTML 22Page - Microchip Technology MCP6421 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
 2013 Microchip Technology Inc.
DS25165A-page 19
MCP6421
The easiest way to reduce surface leakage is to use a
guard ring around sensitive pins (or traces). The guard
ring is biased at the same voltage as the sensitive pin.
An example of this type of layout is shown in
Figure 4-6.
FIGURE 4-6:
Example Guard Ring Layout
for Inverting Gain.
1.
Non-inverting Gain and Unity-Gain Buffer:
a)
Connect the non-inverting pin (VIN+) to the
input with a wire that does not touch the
PCB surface.
b)
Connect the guard ring to the inverting input
pin (VIN–). This biases the guard ring to the
Common mode input voltage.
2.
Inverting
Gain
and
Transimpedance
Gain
Amplifiers (convert current to voltage, such as
photo detectors):
a)
Connect the guard ring to the non-inverting
input pin (VIN+). This biases the guard ring
to the same reference voltage as the op
amp (e.g., VDD/2 or ground).
b)
Connect the inverting pin (VIN–) to the input
with a wire that does not touch the PCB
surface.
4.6
Electromagnetic Interference
Rejection Ratio (EMIRR)
Definitions
The electromagnetic interference (EMI) is the distur-
bance that affects an electrical circuit due to either elec-
tromagnetic induction or electromagnetic radiation
emitted from an external source.
The parameter which describes the EMI robustness of
an op amp is the Electromagnetic Interference
Rejection Ratio (EMIRR). It quantitatively describes the
effect that an RF interfering signal has on op amp
performance. Internal passive filters make EMIRR
better compared with older parts. This means that, with
good PCB layout techniques, your EMC performance
should be better.
EMIRR is defined as :
EQUATION 4-1:
4.7
Application Circuits
4.7.1
CO GAS SENSOR
A CO gas detector is a device which detects the
presence of carbon monoxide gas level. Usually this is
battery powered and transmits audible and visible
warnings.
The sensor responds to CO gas by reducing its
resistance proportionaly to the amount of CO present in
the air exposed to the internal element. On the sensor
module, this variable is part of a voltage divider formed
by the internal element and potentiometer R1. The
output of this voltage divider is fed into the non-
inverting inputs of the MCP6421 op amp. The device is
configured as a buffer with unity gain and is used to
provide a non-loaded test point for sensor sensitivity.
Because this sensor can be corrupted by parasitic elec-
tromagnetic signals, the MCP6421 op amp can be
used for conditioning this sensor.
In Figure 4-7, the variable resistor is used to calibrate
the sensor in different environments.
.
FIGURE 4-7:
CO Gas Sensor Circuit.
Guard Ring
VIN–VIN+
VSS
EMIRR dB
 20
V
RF
V
OS
-------------


log
=
Where:
VRF = Peak Amplitude of
RF Interfering Signal (VPK)
V
OS = Input Offset Voltage Shift (V)
VDD
+
-
VOUT
MCP6421
R1
VREF
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com