Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6421 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6421
Description  4.4 關A, 90 kHz Op Amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6421 Datasheet(HTML) 1 Page - Microchip Technology

  MCP6421 Datasheet HTML 1Page - Microchip Technology MCP6421 Datasheet HTML 2Page - Microchip Technology MCP6421 Datasheet HTML 3Page - Microchip Technology MCP6421 Datasheet HTML 4Page - Microchip Technology MCP6421 Datasheet HTML 5Page - Microchip Technology MCP6421 Datasheet HTML 6Page - Microchip Technology MCP6421 Datasheet HTML 7Page - Microchip Technology MCP6421 Datasheet HTML 8Page - Microchip Technology MCP6421 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
 2013 Microchip Technology Inc.
DS25165A-page 1
MCP6421
Features:
• Low Quiescent Current:
- 4.4 µA/amplifier (typical)
• Low Input Offset Voltage:
- ±1.0 mV (maximum)
• Enhanced EMI Protection:
- Electromagnetic Interference Rejection Ratio
(EMIRR) at 1.8 GHz: 97 dB
• Supply Voltage Range: 1.8V to 5.5V
• Gain Bandwidth Product: 90 kHz (typical)
• Rail-to-Rail Input/Output
• Slew Rate: 0.05 V/µs (typical)
• Unity Gain Stable
• No Phase Reversal
• Small Packages:
- Singles in SC70-5, SOT-23-5
• Extended Temperature Range:
- -40°C to +125°C
Applications:
• Portable Medical Instrument
• Safety Monitoring
• Battery Powered System
• Remote Sensing
• Supply Current Sensing
• Analog Active Filter
Design Aids:
• SPICE Macro Models
•FilterLab® Software
• Microchip Advanced Part Selector (MAPS)
• Analog Demonstration and Evaluation Boards
• Application Notes
Description:
The Microchip Technology Inc. MCP6421 family of
operational amplifiers operate with a single supply
voltage as low as 1.8V, while drawing low quiescent
current per amplifier (5.5 µA, maximum). This family
also has low input offset voltage (±1.0 mV, maximum)
and rail-to-rail input and output operation. In addition,
the MCP6421 family is unity gain stable and has a gain
bandwidth
product
of
90
kHz
(typical).
This
combination of features supports battery-powered and
portable applications. The MCP6421 family has
enhanced
EMI
protection
to
minimize
any
electromagnetic interference from external sources,
such as power lines, radio stations, and mobile
communications, etc. This feature makes it well suited
for EMI sensitive applications.
The MCP6421 family is offered in single (MCP6421)
packages. All devices are designed using an advanced
CMOS process and fully specified in extended
temperature range from -40°C to +125°C.
Package Types
Typical Application
5
4
1
2
3
VDD
VIN
VIN+
VSS
VOUT
MCP6421
SC70-5, SOT-23-5
VDD
R2
+
-
VOUT
MCP6421
R1
R3
100k
R5
100k
1kŸ
1kŸ
R-¨R
R+¨R
Va
Vb
VDD
+
-
VDD
+
-
MCP6421
MCP6421
R+¨R
R-¨R
VDD
Strain Gauge
V
OUT
V
a
V
b
 10k
100
-------------
=
4.4 µA, 90 kHz Op Amp


Similar Part No. - MCP6421

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6421 MICROCHIP-MCP6421_V01 Datasheet
1Mb / 34P
1 MHz Operational Amplifier with EMI Filtering
11/07/16
More results

Similar Description - MCP6421

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6231 MICROCHIP-MCP6231_05 Datasheet
477Kb / 28P
20 關A, 300 kHz Rail-to-Rail Op Amp
2005
MCP6231 MICROCHIP-MCP6231_09 Datasheet
850Kb / 40P
20 關A, 300 kHz Rail-to-Rail Op Amp
2009
MCP6241 MICROCHIP-MCP6241_08 Datasheet
689Kb / 38P
50 關A, 550 kHz Rail-to-Rail Op Amp
2008
MCP6441 MICROCHIP-MCP6441 Datasheet
635Kb / 30P
450 nA, 9 kHz Op Amp
2010
MCP6V11 MICROCHIP-MCP6V11 Datasheet
3Mb / 40P
7.5 關A, 80 kHz Zero-Drift Op Amps
11/29/11
MCP6V31 MICROCHIP-MCP6V31 Datasheet
3Mb / 40P
23 關A, 300 kHz Zero-Drift Op Amps
11/29/11
MCP6441 MICROCHIP-MCP6441_12 Datasheet
2Mb / 46P
450 nA, 9 kHz Op Amp
11/29/11
logo
Analog Devices
ADA4097-1 AD-ADA4097-1 Datasheet
517Kb / 27P
50 V, 130 kHz, 32.5 關A, Robust, Over-The-Top Precision Op Amp
5/2021-Revision 0
logo
Microchip Technology
MCP6V16 MICROCHIP-MCP6V16 Datasheet
3Mb / 52P
7.5 關A, 80 kHz Zero-Drift Op Amps
05/14/19
MCP6V36 MICROCHIP-MCP6V36 Datasheet
3Mb / 50P
23 關A, 300 kHz Zero-Drift Op Amps
05/14/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com