Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6421 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6421
Description  4.4 關A, 90 kHz Op Amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6421 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6421 Datasheet HTML 7Page - Microchip Technology MCP6421 Datasheet HTML 8Page - Microchip Technology MCP6421 Datasheet HTML 9Page - Microchip Technology MCP6421 Datasheet HTML 10Page - Microchip Technology MCP6421 Datasheet HTML 11Page - Microchip Technology MCP6421 Datasheet HTML 12Page - Microchip Technology MCP6421 Datasheet HTML 13Page - Microchip Technology MCP6421 Datasheet HTML 14Page - Microchip Technology MCP6421 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
 2013 Microchip Technology Inc.
DS25165A-page 11
MCP6421
Note: Unless otherwise indicated, TA= +25°C, VDD = +1.8V to +5.5V, VSS= GND, VCM = VDD/2, VOUT =VDD/2,
VL =VDD/2, RL = 100 k to VL and CL = 30 pF.
FIGURE 2-25:
Output Voltage Headroom
vs. Output Current.
FIGURE 2-26:
Output Voltage Headroom
vs. Ambient Temperature.
FIGURE 2-27:
Output Voltage Headroom
vs. Ambient Temperature.
FIGURE 2-28:
Slew Rate vs. Ambient
Temperature.
FIGURE 2-29:
Small Signal Non-Inverting
Pulse Response.
FIGURE 2-30:
Small Signal Inverting Pulse
Response.
10
100
1000
V
DD -VOH
V
OL -VSS
V
DD = 5.5V
0.1
1
0.01
0.1
1
10
100
Output Current (mA)
0.3
0.4
0.5
0.6
0.7
0.8
0.9
V
DD -VOH
V
OL -VSS
0
0.1
0.2
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
V
DD = 1.8V
0.4
0.6
0.8
1
1.2
V
DD -VOH
V
OL -VSS
0
0.2
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
V
DD = 5.5V
0.03
0.04
0.05
0.06
0.07
0.08
0.09
Falling Edge, V
DD = 5.5V
Rising Edge, V
DD = 5.5V
Falling Edge, V
DD = 1.8V
Ri i
Ed
V
18V
0.00
0.01
0.02
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
Rising Edge, V
DD = 1.8V
V
=55V
Time (25 μs/div)
V
DD =5.5V
G = +1 V/V
V
DD = 5.5 V
G = -1 V/V
Time (25 μs/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com