Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6421 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6421
Description  4.4 關A, 90 kHz Op Amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6421 Datasheet(HTML) 4 Page - Microchip Technology

  MCP6421 Datasheet HTML 1Page - Microchip Technology MCP6421 Datasheet HTML 2Page - Microchip Technology MCP6421 Datasheet HTML 3Page - Microchip Technology MCP6421 Datasheet HTML 4Page - Microchip Technology MCP6421 Datasheet HTML 5Page - Microchip Technology MCP6421 Datasheet HTML 6Page - Microchip Technology MCP6421 Datasheet HTML 7Page - Microchip Technology MCP6421 Datasheet HTML 8Page - Microchip Technology MCP6421 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
MCP6421
DS25165A-page 4
 2013 Microchip Technology Inc.
Open-Loop Gain
DC Open-Loop Gain
(Large Signal)
AOL
95
115
dB
0.3 < VOUT < (VDD -0.3V)
VCM= VSS
VDD = 5.5V
Output
High-Level Output Voltage
VOH
1.796
1.799
V
VDD = 1.8V
5.495
5.499
V
VDD = 5.5V
Low-Level Output Voltage
VOL
0.001
0.004
V
VDD = 1.8V
0.001
0.005
V
VDD = 5.5V
Output Short-Circuit Current
ISC
—±6
mA
VDD = 1.8V
—±22
mA
VDD = 5.5V
Power Supply
Supply Voltage
VDD
1.8
5.5
V
Quiescent Current per Amplifier
IQ
—4.4
5.5
µA
IO = 0, VCM = VDD/4
TABLE 1-1:
DC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, TA= +25°C, VDD = +1.8V to +5.5V, VSS= GND, VCM = VDD/2,
VOUT =VDD/2, VL =VDD/2, RL = 100 k to VL and CL = 30 pF (refer to Figure 1-1).
Parameters
Sym
Min
Typ
Max
Units
Conditions
TABLE 1-2:
AC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA= +25°C, VDD = +1.8V to +5.5V, VSS= GND, VCM = VDD/2,
VOUT =VDD/2, VL =VDD/2, RL = 100 k to VL and CL = 30 pF (refer to Figure 1-1).
Parameters
Sym
Min
Typ
Max
Units
Conditions
AC Response
Gain Bandwidth Product
GBWP
90
kHz
Phase Margin
PM
55
°
G = +1 V/V
Slew Rate
SR
0.05
V/µs
Noise
Input Noise Voltage
Eni
15
µVp-p
f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
eni
—95
nV/
Hz
f = 1 kHz
—90
nV/
Hz
f = 10 kHz
Input Noise Current Density
ini
—0.6
fA/
Hz
f = 1 kHz
Electromagnetic Interference
Rejection Ratio
EMIRR
77
dB
VIN = 100 mVPK,
400 MHz
—92
VIN = 100 mVPK,
900 MHz
—97
VIN = 100 mVPK,
1800 MHz
—99
VIN = 100 mVPK,
2400 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com