Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP20 Datasheet(PDF) 4 Page - Microchip Technology

Part # SST12LP20
Description  2.4 GHz High-Efficiency, High-Gain Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP20 Datasheet(HTML) 4 Page - Microchip Technology

  SST12LP20 Datasheet HTML 1Page - Microchip Technology SST12LP20 Datasheet HTML 2Page - Microchip Technology SST12LP20 Datasheet HTML 3Page - Microchip Technology SST12LP20 Datasheet HTML 4Page - Microchip Technology SST12LP20 Datasheet HTML 5Page - Microchip Technology SST12LP20 Datasheet HTML 6Page - Microchip Technology SST12LP20 Datasheet HTML 7Page - Microchip Technology SST12LP20 Datasheet HTML 8Page - Microchip Technology SST12LP20 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
©2013 Silicon Storage Technology, Inc.
DS70005049C
05/13
4
2.4 GHz High-Efficiency, High-Gain Power Amplifier
SST12LP20
Data Sheet
Pin Assignments
Figure 2: Pin Assignments for 8-contact USON
Pin Descriptions
Table 1: Pin Description
Symbol
Pin No.
Pin Name
Type1
1. I=Input, O=Output
Function
GND
0
Ground
Low inductance ground pad
RFIN
1
I
RF input, DC decoupled
DNU
2
Do Not Use
Do not use or connect
DNU
3
Do Not Use
Do not use or connect
RFOUT
4
O
RF output, DC decoupled
VCC2
5
Power Supply
PWR
Power Supply, 2nd stage
VCC1
6
Power Supply
PWR
Power Supply, 1st stage
DET
7
O
On-chip power detector
VREF
8
PWR
1st and 2nd stage idle current control
T1.0 75049
1427 P1.0
RFIN
VCC2
4
3
2
1
5
6
7
8
VCC1
DET
VREF
DNU
DNU
RFOUT
Top View
(Contacts
facing down)
RF and DC
GND 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com