Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP20 Datasheet(PDF) 6 Page - Microchip Technology

Part # SST12LP20
Description  2.4 GHz High-Efficiency, High-Gain Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP20 Datasheet(HTML) 6 Page - Microchip Technology

Back Button SST12LP20 Datasheet HTML 2Page - Microchip Technology SST12LP20 Datasheet HTML 3Page - Microchip Technology SST12LP20 Datasheet HTML 4Page - Microchip Technology SST12LP20 Datasheet HTML 5Page - Microchip Technology SST12LP20 Datasheet HTML 6Page - Microchip Technology SST12LP20 Datasheet HTML 7Page - Microchip Technology SST12LP20 Datasheet HTML 8Page - Microchip Technology SST12LP20 Datasheet HTML 9Page - Microchip Technology SST12LP20 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
©2013 Silicon Storage Technology, Inc.
DS70005049C
05/13
6
2.4 GHz High-Efficiency, High-Gain Power Amplifier
SST12LP20
Data Sheet
Table 4: RF Characteristics at 25°C
Symbol
Parameter
Min.
Typ
Max.
Unit
FL-U
Frequency range
2412
2484
MHz
G
Small signal gain
28
30
dB
GVAR1
Gain variation over band (2412–2484 MHz)
±0.5
dB
GVAR2
Gain ripple over channel (20 MHz)
0.2
dB
2f, 3f, 4f, 5f
Harmonics at 22 dBm, without external filters
-25
dBc
EVM
Added EVM @ 18 dBm output with 802.11g OFDM 54
Mbps signal
3%
POUT
Output Power to meet 802.11g OFDM 54 Mbps spectrum
mask
20
21
dBm
Output Power to meet 802.11b DSSS 1 Mbps spectrum
mask
20
21
dBm
Output Power to meet 802.11n HT20 65 Mbps spectrum
mask
18
20
dBm
T4.2 75049



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com