Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP20 Datasheet(PDF) 13 Page - Microchip Technology

Part # SST12LP20
Description  2.4 GHz High-Efficiency, High-Gain Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP20 Datasheet(HTML) 13 Page - Microchip Technology

Back Button SST12LP20 Datasheet HTML 5Page - Microchip Technology SST12LP20 Datasheet HTML 6Page - Microchip Technology SST12LP20 Datasheet HTML 7Page - Microchip Technology SST12LP20 Datasheet HTML 8Page - Microchip Technology SST12LP20 Datasheet HTML 9Page - Microchip Technology SST12LP20 Datasheet HTML 10Page - Microchip Technology SST12LP20 Datasheet HTML 11Page - Microchip Technology SST12LP20 Datasheet HTML 12Page - Microchip Technology SST12LP20 Datasheet HTML 13Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
©2013 Silicon Storage Technology, Inc.
DS70005049C
05/13
13
2.4 GHz High-Efficiency, High-Gain Power Amplifier
SST12LP20
Data Sheet
Table 5:Revision History
Revision
Description
Date
00
Initial release of data sheet
May 2010
A
Revised “Features” on page 1 and “Product Description” on page 2
Updated Figure 1 and Figures 3-9
Modified Tables 3 and 4
Applied new document format
Released document under letter revision system
Updated Spec number from S71427 to DS75049
Jan 2012
B
Revised maximum Reference voltage from 3.3V to 4.0V in “Absolute
Maximum Stress Ratings” on page 5
Updated Figure 10 on page 12
Apr 2012
C
Changed the document status from “Preliminary Specification” to
“Data Sheet”
May 2013
© 2013 Silicon Storage Technology, Inc–a Microchip Technology Company. All rights reserved.
SST, Silicon Storage Technology, the SST logo, SuperFlash, MTP, and FlashFlex are registered trademarks of Silicon Storage Tech-
nology, Inc. MPF, SQI, Serial Quad I/O, and Z-Scale are trademarks of Silicon Storage Technology, Inc. All other trademarks and
registered trademarks mentioned herein are the property of their respective owners.
Specifications are subject to change without notice. Refer to www.microchip.com for the most recent documentation. For the most current
package drawings, please see the Packaging Specification located at http://www.microchip.com/packaging.
Memory sizes denote raw storage capacity; actual usable capacity may be less.
SST makes no warranty for the use of its products other than those expressly contained in the Standard Terms and Conditions of
Sale.
For sales office locations and information, please see www.microchip.com.
Silicon Storage Technology, Inc.
A Microchip Technology Company
www.microchip.com
ISBN:978-1-62077-210-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com