Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP20 Datasheet(PDF) 1 Page - Microchip Technology

Part # SST12LP20
Description  2.4 GHz High-Efficiency, High-Gain Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP20 Datasheet(HTML) 1 Page - Microchip Technology

  SST12LP20 Datasheet HTML 1Page - Microchip Technology SST12LP20 Datasheet HTML 2Page - Microchip Technology SST12LP20 Datasheet HTML 3Page - Microchip Technology SST12LP20 Datasheet HTML 4Page - Microchip Technology SST12LP20 Datasheet HTML 5Page - Microchip Technology SST12LP20 Datasheet HTML 6Page - Microchip Technology SST12LP20 Datasheet HTML 7Page - Microchip Technology SST12LP20 Datasheet HTML 8Page - Microchip Technology SST12LP20 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
©2013 Silicon Storage Technology, Inc.
DS70005049C
05/13
Data Sheet
www.microchip.com
Features
• High gain:
– Typically 30 dB gain across 2.4–2.5 GHz over tempera-
ture 0°C to +85°C and 29 dB gain from -40°C to 0°C
• High linear output power:
– >24 dBm P1dB
- Single-tone measurement. Please refer to “Absolute
Maximum Stress Ratings” on page 5
– Meets 802.11g OFDM ACPR requirement up to 21 dBm
– ~3% added EVM up to 18 dBm for 54 Mbps 802.11g
signal 802.11n HT20 ACPR requirement up to 18 dBm
– Meets 802.11b ACPR requirement up to 21 dBm
• High power-added efficiency/Low operating cur-
rent for 802.11b/g/n applications
– ~28%/138 mA @ POUT = 21 dBm for 802.11b/g
• Single-pin low IREF power-up/down control
–IREF <2 mA
• Low idle current
–~78 mA ICQ
• High-speed power-up/down
– Turn on/off time (10%- 90%) <100 ns
– Typical power-up/down delay with driver delay included
<200 ns
• Low shut-down current (~2 µA)
• Small variation over temperature
– ~1 dB gain/power variation between 0°C to +85°C
• Excellent on-chip power detection
– >15 dB dynamic range, dB-wise Linear Temperature
stable and load insensitive
• Input port matched to 50
Ω internally
• Both input and output ports are DC decoupled.
• Packages available
– 8-contact USON – 2mm x 2mm x 0.55mm
• All non-Pb (lead-free) devices are RoHS compliant
Applications
• WLAN (IEEE 802.11b/g/n)
•Home RF
• Cordless phones
• 2.4 GHz ISM wireless equipment
2.4 GHz High-Efficiency, High-Gain Power Amplifier
SST12LP20
SST12LP20 is a RF-matched power amplifier module based on the highly-reliable
InGaP/GaAs HBT technology. This amplifier includes DC blocks and provides both
input and output match to 50
Ω. Operating over the 2.4–2.5 GHz frequency band, the
amplifier typically provides 30 dB gain with 28% power-added efficiency at 21 dBm.
SST12LP20 has excellent linearity with typically 18 dBm at 3% EVM for 54 Mbps
802.11g modulation, while meeting 802.11g spectrum mask at 21 dBm. It requires
only two external bias components, and features easy board-level usage, along with
high-speed power-up/down control through a single combined reference voltage pin.
SST12LP20 is offered in an 8-contact USON package.


Similar Part No. - SST12LP20

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST12LP22 MICROCHIP-SST12LP22 Datasheet
278Kb / 17P
2.4 GHz High-Linearity, High-Efficiency Power Amplifier
03/13/14
More results

Similar Description - SST12LP20

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP15 SST-SST12LP15 Datasheet
193Kb / 12P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14A SST-SST12LP14A Datasheet
405Kb / 18P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP07 SST-SST12LP07 Datasheet
509Kb / 14P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14C SST-SST12LP14C Datasheet
584Kb / 14P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP18E SST-SST12LP18E Datasheet
236Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP07A-QXBE MICROCHIP-SST12LP07A-QXBE Datasheet
46Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
10/11
SST12LP17E MICROCHIP-SST12LP17E Datasheet
380Kb / 15P
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
10/14
SST12LP19E MICROCHIP-SST12LP19E_14 Datasheet
438Kb / 24P
2.4 GHz High-Gain, High-Efficiency Power Amplifier
08/14
SST12CP21 MICROCHIP-SST12CP21 Datasheet
337Kb / 17P
2.4 GHz High-Gain, High-Efficiency Power Amplifier
2014
logo
Silicon Storage Technol...
SST12LP14E SST-SST12LP14E Datasheet
34Kb / 2P
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com