Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP20 Datasheet(PDF) 2 Page - Microchip Technology

Part # SST12LP20
Description  2.4 GHz High-Efficiency, High-Gain Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP20 Datasheet(HTML) 2 Page - Microchip Technology

  SST12LP20 Datasheet HTML 1Page - Microchip Technology SST12LP20 Datasheet HTML 2Page - Microchip Technology SST12LP20 Datasheet HTML 3Page - Microchip Technology SST12LP20 Datasheet HTML 4Page - Microchip Technology SST12LP20 Datasheet HTML 5Page - Microchip Technology SST12LP20 Datasheet HTML 6Page - Microchip Technology SST12LP20 Datasheet HTML 7Page - Microchip Technology SST12LP20 Datasheet HTML 8Page - Microchip Technology SST12LP20 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
©2013 Silicon Storage Technology, Inc.
DS70005049C
05/13
2
2.4 GHz High-Efficiency, High-Gain Power Amplifier
SST12LP20
Data Sheet
Product Description
SST12LP20 is a versatile power amplifier based on the highly-reliable InGaP/GaAs HBT technology.
The device’s input and output ports are matched to 50
Ω internally. Both input and output ports are DC-
decoupled and do not require DC-blocking capacitors. This helps reduce the system board’s Bill of
Materials (BOM) cost.
The SST12LP20 is a 2.4 GHz high-efficiency Power Amplifier designed in compliance with IEEE
802.11b/g/n applications. It typically provides 30 dB gain with 28% power-added efficiency (PAE) @
POUT = 21 dBm for 802.11b/g.
The SST12LP20 has excellent linearity, typically ~3% added EVM at 18 dBm output power which is
essential for 54 Mbps 802.11g operation while meeting 802.11g spectrum mask at 21 dBm and
802.11b spectrum mask at 21 dBm.
The SST12LP20 also features easy board-level usage along with high-speed power-up/down control
through a single combined reference voltage pin. Ultra-low reference current (total IREF ~2 mA) makes
the SST12LP20 controllable by an on/off switching signal directly from the baseband chip. These fea-
tures, coupled with low operating current, make the SST12LP20 ideal for the final stage power amplifi-
cation in battery-powered 802.11b/g/n WLAN transmitter applications.
The SST12LP20 has an excellent on-chip, single-ended power detector, which features wide-range
(>15 dB) with dB-wise linear. The excellent on-chip power detector provides a reliable solution to
board-level power control.
The SST12LP20 is offered in 8-contact USON package. See Figure 2 for pin assignments and Table 1
for pin descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com