Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP20 Datasheet(PDF) 10 Page - Microchip Technology

Part # SST12LP20
Description  2.4 GHz High-Efficiency, High-Gain Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP20 Datasheet(HTML) 10 Page - Microchip Technology

Back Button SST12LP20 Datasheet HTML 5Page - Microchip Technology SST12LP20 Datasheet HTML 6Page - Microchip Technology SST12LP20 Datasheet HTML 7Page - Microchip Technology SST12LP20 Datasheet HTML 8Page - Microchip Technology SST12LP20 Datasheet HTML 9Page - Microchip Technology SST12LP20 Datasheet HTML 10Page - Microchip Technology SST12LP20 Datasheet HTML 11Page - Microchip Technology SST12LP20 Datasheet HTML 12Page - Microchip Technology SST12LP20 Datasheet HTML 13Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
©2013 Silicon Storage Technology, Inc.
DS70005049C
05/13
10
2.4 GHz High-Efficiency, High-Gain Power Amplifier
SST12LP20
Data Sheet
Figure 8: Detector Characteristics versus Output Power
Figure 9: Typical Schematic for High-Efficiency 802.11b/g Applications
1427 F8.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
01234567
8
9 10 11 12131415161718 19 20 21 22 23 24
Output Power (dBm)
Detector Voltage versus Output Power
Freq=2.412 GHz
Freq=2.442 GHz
Freq=2.472 GHz
1427 F9.1
4.7µF
VREG
50
Ω
RFIN
12LP20
2X2 8L USON
Top View
4
3
2
1
5
6
7
8
50
Ω
RFOUT
VDET
VCC
1 nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com