Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP20 Datasheet(PDF) 12 Page - Microchip Technology

Part # SST12LP20
Description  2.4 GHz High-Efficiency, High-Gain Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP20 Datasheet(HTML) 12 Page - Microchip Technology

Back Button SST12LP20 Datasheet HTML 5Page - Microchip Technology SST12LP20 Datasheet HTML 6Page - Microchip Technology SST12LP20 Datasheet HTML 7Page - Microchip Technology SST12LP20 Datasheet HTML 8Page - Microchip Technology SST12LP20 Datasheet HTML 9Page - Microchip Technology SST12LP20 Datasheet HTML 10Page - Microchip Technology SST12LP20 Datasheet HTML 11Page - Microchip Technology SST12LP20 Datasheet HTML 12Page - Microchip Technology SST12LP20 Datasheet HTML 13Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
©2013 Silicon Storage Technology, Inc.
DS70005049C
05/13
12
2.4 GHz High-Efficiency, High-Gain Power Amplifier
SST12LP20
Data Sheet
Packaging Diagrams
Figure 10:8-Contact Ultra-thin Small Outline No-lead (USON)
SST Package Code: QUA
TOP VIEW
BOTTOM VIEW
SIDE VIEW
0.60
0.50
0.08
Pin # 1
2.00
±0.10
2.00
±0.10
0.50 BSC
0.3
0.2
8-xson-2x2-QUA-2.0
1mm
0.05 Max
0.75
See notes
2 and 3
1.60
Note: 1. Similar to JEDEC JEP95 UQFN/USON variants, though number of contacts and some dimensions are different.
2. The topside pin #1 indicator is laser engraved; its approximate shape and location is as shown.
3. The external paddle is electrically connected to the die back-side and to VSS.
This paddle must be soldered to the PC board; it is required to connect this paddle to the VSS of the unit.
Connection of this paddle to any other voltage potential will result in shorts and electrical malfunction of
the device.
4. Untoleranced dimensions are nominal target dimensions.
5. All linear dimensions are in millimeters (max/min).
1.55
Pin #1
(laser
engraved
see note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com