Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S40IPUR Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST1S40IPUR
Description  3 A DC step-down switching regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S40IPUR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST1S40IPUR Datasheet HTML 7Page - STMicroelectronics ST1S40IPUR Datasheet HTML 8Page - STMicroelectronics ST1S40IPUR Datasheet HTML 9Page - STMicroelectronics ST1S40IPUR Datasheet HTML 10Page - STMicroelectronics ST1S40IPUR Datasheet HTML 11Page - STMicroelectronics ST1S40IPUR Datasheet HTML 12Page - STMicroelectronics ST1S40IPUR Datasheet HTML 13Page - STMicroelectronics ST1S40IPUR Datasheet HTML 14Page - STMicroelectronics ST1S40IPUR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
ST1S40
Functional description
Doc ID 17928 Rev 4
11/30
Equation 9
Equation 10
whereas the zero is defined as:
Equation 11
The embedded compensation network is RC=70 kΩ, CC=195 pF while CP and CO can be
considered as negligible. The error amplifier output resistance is 240 M
Ω so the relevant
singularities are:
Equation 12
so by closing the loop, the loop gain GLOOP(s) is:
Equation 13
Example:
VIN=12 V, VOUT=1.2 V, Iomax=3 A, L=1.5 µH, Cout=47 µF (MLCC), R1=10 k
Ω,
R2=20 k
Ω (see Section 6.2 and Section 6.3 for inductor and output capacitor selection
guidelines).
The module and phase Bode plot are reported in Figure 6.
The bandwidth is 100 kHz and the phase margin is 45 degrees.
f
P LF
1
2
π R
0
C
c
⋅⋅
⋅
----------------------------------
=
f
P HF
1
2
π R
c
C
0
C
p
+
()
⋅⋅
⋅
----------------------------------------------------
=
f
Z
1
2
π R
c
C
c
⋅⋅
⋅
---------------------------------
=
f
Z
11 6 kHz
,
=
f
P LF
34 Hz
,
=
G
LOOP s
()
G
CO s
() G
DIV s
() G
EA s
()
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com