Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S40IPUR Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST1S40IPUR
Description  3 A DC step-down switching regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S40IPUR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST1S40IPUR Datasheet HTML 11Page - STMicroelectronics ST1S40IPUR Datasheet HTML 12Page - STMicroelectronics ST1S40IPUR Datasheet HTML 13Page - STMicroelectronics ST1S40IPUR Datasheet HTML 14Page - STMicroelectronics ST1S40IPUR Datasheet HTML 15Page - STMicroelectronics ST1S40IPUR Datasheet HTML 16Page - STMicroelectronics ST1S40IPUR Datasheet HTML 17Page - STMicroelectronics ST1S40IPUR Datasheet HTML 18Page - STMicroelectronics ST1S40IPUR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
ST1S40
Application information
Doc ID 17928 Rev 4
15/30
Equation 17
Typically, CIN is dimensioned to keep the maximum peak-to-peak voltage ripple in the order
of 1% of VINMAX.
In
Table 6 some multi layer ceramic capacitors suitable for this device are reported.
A ceramic bypass capacitor, as close as possible to the VINA pin, so that additional parasitic
ESR and ESL are minimized, is suggested in order to prevent instability on the output
voltage due to noise. The value of the bypass capacitor can go from 330 nF to 1 µF.
6.2
Inductor selection
The inductance value fixes the current ripple flowing through the output capacitor. So the
minimum inductance value, to have the expected current ripple, must be selected. The rule
to fix the current ripple value is to have a ripple at 20% to 40% of the output current.
In continuous current mode (CCM), the inductance value can be calculated by the following
equation:
Equation 18
where TON is the conduction time of the high side switch and TOFF is the conduction time of
the low side switch (in CCM, FSW=1/(TON + TOFF)). The maximum current ripple, given the
Vout, is obtained at maximum TOFF, that is at minimum duty cycle. So by fixing ΔIL=20% to
30% of the maximum output current, the minimum inductance value can be calculated:
Equation 19
where FSWMIN is the minimum switching frequency, according to Table 4
The peak current through the inductor is given by:
Table 6.
Input MLCC capacitors
Manufacturer
Series
Cap value (
μF)
Rated voltage (V)
Murata
GRM31
10
25
GRM55
10
25
TDK
C3225
10
25
C
IN_MIN
I
O
2V
PP_MAX
F
SW
⋅⋅
------------------------------------------------
=
ΔI
L
V
IN
V
OUT
–
L
------------------------------ T
ON
⋅
V
OUT
L
-------------- T
OFF
⋅
==
L
MIN
V
OUT
ΔI
MAX
----------------
1D
MIN
–
F
SWMIN
-----------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com