Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S40IPUR Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST1S40IPUR
Description  3 A DC step-down switching regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S40IPUR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST1S40IPUR Datasheet HTML 12Page - STMicroelectronics ST1S40IPUR Datasheet HTML 13Page - STMicroelectronics ST1S40IPUR Datasheet HTML 14Page - STMicroelectronics ST1S40IPUR Datasheet HTML 15Page - STMicroelectronics ST1S40IPUR Datasheet HTML 16Page - STMicroelectronics ST1S40IPUR Datasheet HTML 17Page - STMicroelectronics ST1S40IPUR Datasheet HTML 18Page - STMicroelectronics ST1S40IPUR Datasheet HTML 19Page - STMicroelectronics ST1S40IPUR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Application information
ST1S40
16/30
Doc ID 17928 Rev 4
Equation 20
so if the inductor value decreases, the peak current (that must be lower than the current limit
of the device) increases. The higher the inductor value, the higher the average output
current that can be delivered, without reaching the current limit.
In Table 7 below some inductor part numbers are listed.
6.3
Output capacitor selection
The current in the output capacitor has a triangular waveform which generates a voltage
ripple across it. This ripple is due to the capacitive component (charge or discharge of the
output capacitor) and the resistive component (due to the voltage drop across its ESR). So
the output capacitor must be selected in order to have a voltage ripple compliant with the
application requirements.
The amount of the voltage ripple can be calculated starting from the current ripple obtained
by the inductor selection.
Equation 21
For ceramic (MLCC) capacitors the capacitive component of the ripple dominates the
resistive one. Whilst for electrolytic capacitors the opposite is true.
Since the compensation network is internal, the output capacitor should be selected in order
to have a proper phase margin and then a stable control loop.
The equations of Chapter 5.2 help to check loop stability given the application conditions,
the value of the inductor, and of the output capacitor.
In Table 8 below some capacitor series are listed.
Table 7.
Inductors
Manufacturer
Series
Inductor value (
μH)
Saturation current (A)
Coilcraft
XPL7030
2.2 to 4.7
6.8 to 10.5
MSS1048
2.2 to 6.8
4.14 to 6.62
MSS1260
10
5.5
Wurth
WE-HC/HCA
3.3 to 4.7
7 to 11
WE-TPC typ XLH
3.6 to 6.2
4.5 to 6.4
WE-PD type L
10
5.6
TDK
RLF7030T
2.2 to 4.7
4 to 6
I
LPK
,
I
O
ΔI
L
2
--------
+
=
ΔV
OUT
ESR
ΔI
MAX
⋅
ΔI
MAX
8C
OUT
f
SW
⋅⋅
-------------------------------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com