Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S40IPUR Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST1S40IPUR
Description  3 A DC step-down switching regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S40IPUR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST1S40IPUR Datasheet HTML 20Page - STMicroelectronics ST1S40IPUR Datasheet HTML 21Page - STMicroelectronics ST1S40IPUR Datasheet HTML 22Page - STMicroelectronics ST1S40IPUR Datasheet HTML 23Page - STMicroelectronics ST1S40IPUR Datasheet HTML 24Page - STMicroelectronics ST1S40IPUR Datasheet HTML 25Page - STMicroelectronics ST1S40IPUR Datasheet HTML 26Page - STMicroelectronics ST1S40IPUR Datasheet HTML 27Page - STMicroelectronics ST1S40IPUR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Package mechanical data
ST1S40
24/30
Doc ID 17928 Rev 4
Figure 19.
VFQFPN8 (4x4x1.0 mm) package dimensions
Table 10.
VFQFPN8 (4x4x1.0 mm) mechanical data
Dim.
mm
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
0.90
1.00
0.0315
0.0354
0.0394
A1
0.02
0.05
0.0008
0.0020
A3
0.20
0.0079
b
0.23
0.30
0.38
0.009
0.0117
0.0149
D
3.90
4.00
4.10
0.153
0.157
0.161
D2
2.82
3.00
3.23
0.111
0.118
0.127
E
3.90
4.00
4.10
0.153
0.157
0.161
E2
2.05
2.20
2.30
0.081
0.087
0.091
e
0.80
0.031
L
0.40
0.50
0.60
0.016
0.020
0.024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com