Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S40IPUR Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST1S40IPUR
Description  3 A DC step-down switching regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S40IPUR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST1S40IPUR Datasheet HTML 21Page - STMicroelectronics ST1S40IPUR Datasheet HTML 22Page - STMicroelectronics ST1S40IPUR Datasheet HTML 23Page - STMicroelectronics ST1S40IPUR Datasheet HTML 24Page - STMicroelectronics ST1S40IPUR Datasheet HTML 25Page - STMicroelectronics ST1S40IPUR Datasheet HTML 26Page - STMicroelectronics ST1S40IPUR Datasheet HTML 27Page - STMicroelectronics ST1S40IPUR Datasheet HTML 28Page - STMicroelectronics ST1S40IPUR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
ST1S40
Package mechanical data
Doc ID 17928 Rev 4
25/30
Table 11.
SO8-BW mechanical data
Figure 20.
SO8-BW package dimensions
Dim
mm
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
135
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.001
A2
1.10
1.65
0.043
0.065
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.007
0.01
D(1)
1.
Dimension D does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs
must not exceed 0.15 mm (.006 inch) in total (both sides).
4.80
5.00
0.1890
0.1929
0.1969
E
3.80
4.00
0.15
0.157
e1.27
0.050
H
5.80
6.20
0.228
0.244
h
0.25
0.50
0.0098
0.0197
L
0.40
1.27
0.0157
0.0500
k
0°(min.), 8° (max.)
ddd
0.10
0.0039



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com