Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S40IPUR Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST1S40IPUR
Description  3 A DC step-down switching regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S40IPUR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST1S40IPUR Datasheet HTML 8Page - STMicroelectronics ST1S40IPUR Datasheet HTML 9Page - STMicroelectronics ST1S40IPUR Datasheet HTML 10Page - STMicroelectronics ST1S40IPUR Datasheet HTML 11Page - STMicroelectronics ST1S40IPUR Datasheet HTML 12Page - STMicroelectronics ST1S40IPUR Datasheet HTML 13Page - STMicroelectronics ST1S40IPUR Datasheet HTML 14Page - STMicroelectronics ST1S40IPUR Datasheet HTML 15Page - STMicroelectronics ST1S40IPUR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Functional description
ST1S40
12/30
Doc ID 17928 Rev 4
Figure 6.
Module and phase Bode plot
5.3
Overcurrent protection
The ST1S40 implements the pulse-by-pulse overcurrent protection. The peak current is
sensed through the high side Power MOSFET and when it exceeds the first overcurrent
threshold (OCP1) the high side is immediately turned off and the low side conducts the
inductor current for the rest of the clock period.
During overload condition, since the duty cycle is not set by the control loop but is limited by
the overcurrent threshold, the output voltage drops out of regulation. If the feedback falls
below 0.3 V the switching frequency is reduced to one fourth and the current limit threshold
is folded back to around 2 A. Thanks to the current and frequency fold back the stress on the
device and on the external power components is reduced in case of severe overload or
dead-short to ground of the output.
The current fold back is disabled during the startup, in order to allow the Vout to rise up
properly in case of the big output capacitor requiring high extra current to be charged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com