Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S40IPUR Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST1S40IPUR
Description  3 A DC step-down switching regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S40IPUR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST1S40IPUR Datasheet HTML 9Page - STMicroelectronics ST1S40IPUR Datasheet HTML 10Page - STMicroelectronics ST1S40IPUR Datasheet HTML 11Page - STMicroelectronics ST1S40IPUR Datasheet HTML 12Page - STMicroelectronics ST1S40IPUR Datasheet HTML 13Page - STMicroelectronics ST1S40IPUR Datasheet HTML 14Page - STMicroelectronics ST1S40IPUR Datasheet HTML 15Page - STMicroelectronics ST1S40IPUR Datasheet HTML 16Page - STMicroelectronics ST1S40IPUR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
ST1S40
Functional description
Doc ID 17928 Rev 4
13/30
An additional mechanism is protecting the device in case of short-circuit on the output and
high input voltage. A further threshold (OCP2, 1A higher than OCP1) is compared to the
inductor current. If the inductor current exceeds OCP2, the device stops switching and
restarts with a soft-start cycle.
5.4
Enable function
The enable feature allows the device to be put into standby mode. With the EN pin lower
than 0.4 V, the device is disabled and the power consumption is reduced to less than 15 µA.
With the EN pin higher than 1.2 V, the device is enabled. If the EN pin is left floating, an
internal pull-down ensures that the voltage at the pin reaches the inhibit threshold and the
device is disabled. The pin is also VIN compatible.
5.5
Hysteretic thermal shutdown
The thermal shutdown block generates a signal that turns off the power stage if the junction
temperature goes above 150
°C. Once the junction temperature goes back to about 130 °C,
the device restarts in normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com