Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMZ2012 Datasheet(PDF) 19 Page - TDK Electronics

Part # MMZ2012
Description  Chip Beads For signal line MMZ series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ2012 Datasheet(HTML) 19 Page - TDK Electronics

Back Button MMZ2012 Datasheet HTML 15Page - TDK Electronics MMZ2012 Datasheet HTML 16Page - TDK Electronics MMZ2012 Datasheet HTML 17Page - TDK Electronics MMZ2012 Datasheet HTML 18Page - TDK Electronics MMZ2012 Datasheet HTML 19Page - TDK Electronics MMZ2012 Datasheet HTML 20Page - TDK Electronics MMZ2012 Datasheet HTML 21Page - TDK Electronics MMZ2012 Datasheet HTML 22Page - TDK Electronics MMZ2012 Datasheet HTML 23Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
• All specifications are subject to change without notice.
(18/28)
002-01 / 20130301 / e9412_mmz
TYPICAL ELECTRICAL CHARACTERISTICS
Z, X, R vs. FREQUENCY CHARACTERISTICS
MMZ1608D500C
MMZ1608D800C
MMZ1608D800B
MMZ1608D121C
MMZ1608D121B
MMZ1608D241C
MMZ1608D301B
MMZ1608F030B
MMZ1608F470B
MMZ1608F750B
MMZ1608F121B
600
200
100
300
400
500
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
1
10
100
1000
10000
Frequency(MHz)
400
200
100
300
0
Z
R
X
1
10
100
1000
10000
Frequency(MHz)
0
100
200
300
400
500
600
Z
R
X
800
700
600
500
400
300
200
100
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
1
10
100
1000
10000
Frequency(MHz)
800
700
600
500
400
300
200
100
0
Z
X
R
1200
1000
800
600
400
200
0
1
10
100
1000
10000
Frequency(MHz)
Z
X
R
1
10
100
1000
10000
Frequency(MHz)
3000
2500
2000
1500
1000
500
0
Z
X
R
1
10
100
1000
10000
Frequency(MHz)
0
5
10
15
20
25
30
35
Z
R
X
0
1
10
100
1000
10000
Frequency(MHz)
100
200
300
400
500
600
700
800
900
Z
R
X
0
500
1000
1500
2000
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
0
1000
2000
3000
4000
5000
6000
1
10
100
1000
10000
Frequency(MHz)
Z
R
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com