Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMZ2012 Datasheet(PDF) 21 Page - TDK Electronics

Part # MMZ2012
Description  Chip Beads For signal line MMZ series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ2012 Datasheet(HTML) 21 Page - TDK Electronics

Back Button MMZ2012 Datasheet HTML 17Page - TDK Electronics MMZ2012 Datasheet HTML 18Page - TDK Electronics MMZ2012 Datasheet HTML 19Page - TDK Electronics MMZ2012 Datasheet HTML 20Page - TDK Electronics MMZ2012 Datasheet HTML 21Page - TDK Electronics MMZ2012 Datasheet HTML 22Page - TDK Electronics MMZ2012 Datasheet HTML 23Page - TDK Electronics MMZ2012 Datasheet HTML 24Page - TDK Electronics MMZ2012 Datasheet HTML 25Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
• All specifications are subject to change without notice.
(20/28)
002-01 / 20130301 / e9412_mmz
Chip Beads
For Signal Line
MMZ Series MMZ2012
FEATURES
• Chip bead(impeder), MMZ series offers 4 construction materials.
• Size standardized for use by automatic assembly equipment.
No preferred orientation.
• Either flow or reflow soldering methods can be used due to
electroplating of the terminal electrodes.
• High reliability due to an entirely monolithic structure.
• Closed magnetic circuit structure allows high-density installation
while preventing crosstalk between circuits.
• Low DC resistance structure of electrode prevents wasteful
electric power consumption.
• The products contain no lead and also support lead-free
soldering.
• It is a product conforming to RoHS directive.
APPLICATIONS
Removal of signal line noises of cellular phones, PCs, note PCs,
TVs, TV tuners, STBs, audio players, DVDs, DSCs, DVCs, game
machines, digital photo frames, car navigation system, PNDs, etc.
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
W
(3) Type name
(4) Impedance
121:120
 at 100MHz
(5) Characteristic type
(6) Packaging style
T:Taping
(7) TDK internal code
HANDLING AND PRECAUTIONS
• Before soldering, be sure to preheat components. The preheat-
ing temperature should be set so that the temperature difference
between the solder temperature and product temperature does
not exceed 150°C.
• After mounting components onto the printed circuit board, do not
apply stress through board bending or mishandling.
• Do not expose the inductors to stray magnetic fields.
• Avoid static electricity discharge during handling.
• When hand soldering, apply the soldering iron to the printed cir-
cuit board only. Temperature of the iron tip should not exceed
350°C. Soldering time should not exceed 3 seconds.
MATERIAL CHARACTERISTICS
R material: For wide frequency applications calling for broad
impedance characteristics.
For digital signal line applications calling requiring
good waveform integrity. Impedance values selected
for effectiveness at 10 to 200MHz.
S material: Standard type that features impedance characteristics
similar to those of a typical ferrite core.
For signal line applications in which the blocking region
is near 100MHz. Impedance values selected for effec-
tiveness at 40 to 300MHz.
Y material: High frequency range type intended for the 100MHz
region and above.
For signal line applications in which the signal fre-
quency is far from the cutoff frequency. Impedance val-
ues selected for effectiveness at 80 to 400MHz.
D material: For applications calling for low insertion loss at low fre-
quencies and sharply increasing impedance at high
frequencies. Designed for high impedance at high fre-
quencies (200 to 500MHz) for signal line applications.
TYPICAL MATERIAL CHARACTERISTICS
Conformity to RoHS Directive
MMZ 2012 R 121 A
T
(1)
(2)
(3) (4) (5) (6)
(7)
0
500
1000
1500
2000
2500
10
100
1000
Frequency(MHz)
R
S
D
Y
• Please contact our Sales office when your application is considered the following:
The device’s failure or malfunction may directly endanger human life (e.g. application for automobile/aircraft/medical/nuclear power devices, etc.)
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com