Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMZ2012 Datasheet(PDF) 22 Page - TDK Electronics

Part # MMZ2012
Description  Chip Beads For signal line MMZ series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ2012 Datasheet(HTML) 22 Page - TDK Electronics

Back Button MMZ2012 Datasheet HTML 18Page - TDK Electronics MMZ2012 Datasheet HTML 19Page - TDK Electronics MMZ2012 Datasheet HTML 20Page - TDK Electronics MMZ2012 Datasheet HTML 21Page - TDK Electronics MMZ2012 Datasheet HTML 22Page - TDK Electronics MMZ2012 Datasheet HTML 23Page - TDK Electronics MMZ2012 Datasheet HTML 24Page - TDK Electronics MMZ2012 Datasheet HTML 25Page - TDK Electronics MMZ2012 Datasheet HTML 26Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
• All specifications are subject to change without notice.
(21/28)
002-01 / 20130301 / e9412_mmz
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD
PATTERN
SPECIFICATIONS
PACKAGING STYLE AND QUANTITIES
RECOMMENDED SOLDERING CONDITION
REFLOW SOLDERING
ELECTRICAL CHARACTERISTICS
Test equipment: E4991A or equivalent
Test tool
: 16192A or equivalent
Test temperature: 25±10°C
TYPICAL ELECTRICAL CHARACTERISTICS
Z, X, R vs. FREQUENCY CHARACTERISTICS
MMZ2012R150A
MMZ2012R300A
MMZ2012R600A
MMZ2012R121A
MMZ2012R301A
MMZ2012R601A
Operating temperature range
–55 to +125°C
Storage temperature range
–55 to +125°C(After mount)
Packaging style
Quantity
Taping
4000 pieces/reel
0.5
±0.3
Weight: 8mg
Dimensions in mm
2
±0.2
1
0.8
0.8
Natural
cooling
10s max.
Preheating
60 to 120s
Soldering
30 to 60s
230˚C
250 to 260˚C
180˚C
150˚C
Time(s)
Part No.
Impedance
(
)[100MHz]
DC resistance
(
)max.
Rated current
(mA)max.
MMZ2012R150A
15±25%
0.05
1500
MMZ2012R300A
30±25%
0.05
1500
MMZ2012R600A
60±25%
0.10
1000
MMZ2012R121A
120±25%
0.12
800
MMZ2012R301A
300±25%
0.15
600
MMZ2012R601A
600±25%
0.20
500
MMZ2012R102A
1000±25%
0.30
500
MMZ2012S400A
40±25%
0.10
1000
MMZ2012S800A
80±25%
0.10
800
MMZ2012S121A
120±25%
0.15
800
MMZ2012S181A
180±25%
0.15
600
MMZ2012S301A
300±25%
0.20
600
MMZ2012S601A
600±25%
0.30
500
MMZ2012S102A
1000±25%
0.35
500
MMZ2012Y150B
15±25%
0.05
1500
MMZ2012Y300B
30±25%
0.05
1500
MMZ2012Y600B
60±25%
0.10
1000
MMZ2012Y121B
120±25%
0.12
800
MMZ2012Y301B
300±25%
0.15
600
MMZ2012Y601B
600±25%
0.20
500
MMZ2012Y102B
1000±25%
0.30
500
MMZ2012Y152B
1500±25%
0.40
500
MMZ2012Y202B
2000±25%
0.50
400
MMZ2012D800B
80±25%
0.30
500
MMZ2012D121B
120±25%
0.30
500
MMZ2012D301B
300±25%
0.50
400
X
Z
R
1
10
100
1000
10000
Frequency(MHz)
0
5
10
15
20
25
X
Z
R
1
10
100
1000
10000
Frequency(MHz)
0
5
10
15
20
25
30
35
40
X
Z
R
1
10
100
1000
10000
Frequency(MHz)
0
10
20
30
40
50
60
70
80
90
X
Z
R
1
10
100
1000
10000
Frequency(MHz)
0
20
40
60
80
100
120
140
1
10
100
1000
10000
Frequency(MHz)
0
X
Z
R
50
100
150
200
250
300
350
1
10
100
1000
Frequency(MHz)
0
X
Z
R
100
200
300
400
500
600
700
10000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com