Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMZ2012 Datasheet(PDF) 26 Page - TDK Electronics

Part # MMZ2012
Description  Chip Beads For signal line MMZ series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ2012 Datasheet(HTML) 26 Page - TDK Electronics

Back Button MMZ2012 Datasheet HTML 21Page - TDK Electronics MMZ2012 Datasheet HTML 22Page - TDK Electronics MMZ2012 Datasheet HTML 23Page - TDK Electronics MMZ2012 Datasheet HTML 24Page - TDK Electronics MMZ2012 Datasheet HTML 25Page - TDK Electronics MMZ2012 Datasheet HTML 26Page - TDK Electronics MMZ2012 Datasheet HTML 27Page - TDK Electronics MMZ2012 Datasheet HTML 28Page - TDK Electronics MMZ2012 Datasheet HTML 29Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
• All specifications are subject to change without notice.
(25/28)
002-01 / 20130301 / e9412_mmz
TYPICAL ELECTRICAL CHARACTERISTICS
Z FREQUENCY CHARACTERISTICS(DIFFERS ACCORDING TO SERIES)
MMZ0603S-E SERIES
TYPICAL ELECTRICAL CHARACTERISTICS
Z, X, R vs. FREQUENCY CHARACTERISTICS
MMZ0603S601E
MMZ0603S102E
PACKAGING STYLES
REEL DIMENSIONS
TAPE DIMENSIONS
1000
100
1
Frequency(MHz)
0
200
400
600
800
1000
2000
1200
1400
1600
1800
MMZ0603S102E
MMZ0603S601E
1
10
100
1000
10000
Frequency(MHz)
Z
X
R
0
200
400
600
800
1000
2000
1200
1400
1600
1800
1
10
100
1000
10000
Frequency(MHz)
Z
X
R
200
0
400
600
800
1000
1200
1.0
ø180
±2.0
2.0
±0.5
ø13
±0.2
ø21
±0.8
14.4max.
Dimensions in mm
8.4
+2.0
–0.0
4.0
±0.1
2.0
±0.05
2.0
±0.05
Sprocket hole
Cavity
1.5
+0.1
–0.0
0.5max.
0.38
±0.05
160min.
Taping
200min.
300min.
Drawing direction
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com