Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMZ2012 Datasheet(PDF) 1 Page - TDK Electronics

Part # MMZ2012
Description  Chip Beads For signal line MMZ series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ2012 Datasheet(HTML) 1 Page - TDK Electronics

  MMZ2012 Datasheet HTML 1Page - TDK Electronics MMZ2012 Datasheet HTML 2Page - TDK Electronics MMZ2012 Datasheet HTML 3Page - TDK Electronics MMZ2012 Datasheet HTML 4Page - TDK Electronics MMZ2012 Datasheet HTML 5Page - TDK Electronics MMZ2012 Datasheet HTML 6Page - TDK Electronics MMZ2012 Datasheet HTML 7Page - TDK Electronics MMZ2012 Datasheet HTML 8Page - TDK Electronics MMZ2012 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
• All specifications are subject to change without notice.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
Chip Beads
For signal line
MMZ series
Type:
Issue date:
MMZ0402
0402[01005 inch]*
MMZ0603
0603[0201 inch]
MMZ1005
1005[0402 inch]
MMZ1608
1608[0603 inch]
MMZ2012
2012[0805 inch]
MMZ0603-E
0603[0201 inch]
MMZ1005-E
1005[0402 inch]
* Dimensions Code JIS[EIA]
March 2013


Similar Part No. - MMZ2012

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MMZ2012 TDK-MMZ2012 Datasheet
166Kb / 11P
Chip Beads For general signal line
MMZ2012 TDK-MMZ2012 Datasheet
276Kb / 7P
Chip beads For general signal line
MMZ2012D121B TDK-MMZ2012D121B Datasheet
104Kb / 4P
Chip Beads(SMD) For Signal Line
MMZ2012D121BT000 TDK-MMZ2012D121BT000 Datasheet
166Kb / 11P
Chip Beads For general signal line
MMZ2012D121BTD25 TDK-MMZ2012D121BTD25 Datasheet
276Kb / 7P
Chip beads For general signal line
More results

Similar Description - MMZ2012

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MMZ1005 TDK-MMZ1005_09 Datasheet
115Kb / 3P
Chip Beads(SMD) For Signal Line
MMZ2012R150A TDK-MMZ2012R150A Datasheet
104Kb / 4P
Chip Beads(SMD) For Signal Line
MMZ2012Y202B TDK-MMZ2012Y202B Datasheet
915Kb / 29P
Chip Beads For signal line
MMZ1608R601CTAH0 TDK-MMZ1608R601CTAH0 Datasheet
98Kb / 6P
Chip Beads(SMD) For Signal Line
MMZ1005B121CT000 TDK-MMZ1005B121CT000 Datasheet
175Kb / 11P
Chip Beads For general signal line
MMZ1608A182BTA00 TDK-MMZ1608A182BTA00 Datasheet
263Kb / 14P
Chip Beads For general signal line
MMZ2012R600AT000 TDK-MMZ2012R600AT000 Datasheet
166Kb / 11P
Chip Beads For general signal line
MPZ0603S220CT000 TDK-MPZ0603S220CT000 Datasheet
116Kb / 10P
Chip Beads For general signal line
MMZ0603 TDK-MMZ0603 Datasheet
270Kb / 6P
Chip beads For general signal line
MMZ2012 TDK-MMZ2012 Datasheet
276Kb / 7P
Chip beads For general signal line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com